Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP101-485DI/TT Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP101-485DI/TT
Description  Microcontroller Supervisory Circuit with Push-Pull Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP101-485DI/TT Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP101-485DI/TT Datasheet HTML 8Page - Microchip Technology MCP101-485DI/TT Datasheet HTML 9Page - Microchip Technology MCP101-485DI/TT Datasheet HTML 10Page - Microchip Technology MCP101-485DI/TT Datasheet HTML 11Page - Microchip Technology MCP101-485DI/TT Datasheet HTML 12Page - Microchip Technology MCP101-485DI/TT Datasheet HTML 13Page - Microchip Technology MCP101-485DI/TT Datasheet HTML 14Page - Microchip Technology MCP101-485DI/TT Datasheet HTML 15Page - Microchip Technology MCP101-485DI/TT Datasheet HTML 16Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
  0L.UR.KLS 7H.KQRORJ\ ,Q.
'6)SDJH 
! 
,QIRUPDWLRQ .RQWDLQHG LQ WKLV SXEOL.DWLRQ UHJDUGLQJ GHYL.H
DSSOL.DWLRQV DQG WKH OLNH LV LQWHQGHG WKURXJK VXJJHVWLRQ RQO\
DQG PD\ EH VXSHUVHGHG E\ XSGDWHV ,W LV \RXU UHVSRQVLELOLW\ WR
HQVXUH WKDW \RXU DSSOL.DWLRQ PHHWV ZLWK \RXU VSH.LIL.DWLRQV
1R UHSUHVHQWDWLRQ RU ZDUUDQW\ LV JLYHQ DQG QR OLDELOLW\ LV
DVVXPHG E\ 0L.UR.KLS 7H.KQRORJ\ ,Q.RUSRUDWHG ZLWK UHVSH.W
WR WKH D..XUD.\ RU XVH RI VX.K LQIRUPDWLRQ RU LQIULQJHPHQW RI
SDWHQWV RU RWKHU LQWHOOH.WXDO SURSHUW\ ULJKWV DULVLQJ IURP VX.K
XVH RU RWKHUZLVH8VH RI0L.UR.KLS¶V SURGX.WV DV .ULWL.DO.RP
SRQHQWV LQ OLIH VXSSRUW V\VWHPV LV QRW DXWKRUL]HG H[.HSW ZLWK
H[SUHVV ZULWWHQ DSSURYDO E\ 0L.UR.KLS 1R OL.HQVHV DUH .RQ
YH\HG LPSOL.LWO\ RU RWKHUZLVH XQGHU DQ\ LQWHOOH.WXDO SURSHUW\
ULJKWV
7UDGHPDUNV
7KH 0L.UR.KLS QDPH DQG ORJR WKH 0L.UR.KLS ORJR 3,& 3,&PL.UR
3,&0$67(5 3,&67$57 352 0$7( ./ " 6((9$/
03/$% DQG 7KH (PEHGGHG &RQWURO 6ROXWLRQV &RPSDQ\ DUH UHJ
LVWHUHG WUDGHPDUNV RI 0L.UR.KLS 7H.KQRORJ\ ,Q.RUSRUDWHG LQ WKH
86$ DQG RWKHU .RXQWULHV
7RWDO(QGXUDQ.H ,&63 ,Q&LU.XLW 6HULDO3URJUDPPLQJ )LOWHU
/DE 0;'(9 PL.UR,' )OH[520 IX]]\/$% 03$60
03/,1. 03/,% 3,&& 3,&'(0 3,&'(0QHW ,&(3,&
0LJUDWDEOH 0HPRU\ )DQ6HQVH (&212021,725 6HOH.W
0RGH DQG PL.UR3RUW DUH WUDGHPDUNV RI 0L.UR.KLS 7H.KQRORJ\
,Q.RUSRUDWHG LQ WKH 86$
6HULDOL]HG 4XL.N 7HUP 3URJUDPPLQJ 6473 LV D VHUYL.H PDUN
RI0L.UR.KLS 7H.KQRORJ\ ,Q.RUSRUDWHG LQ WKH 86$
$OO RWKHU WUDGHPDUNV PHQWLRQHG KHUHLQ DUH SURSHUW\ RI WKHLU
UHVSH.WLYH .RPSDQLHV
‹  0L.UR.KLS 7H.KQRORJ\ ,Q.RUSRUDWHG 3ULQWHG LQ WKH
86$ $OO 5LJKWV 5HVHUYHG
3ULQWHG RQ UH.\.OHG SDSHU
0L.UR.KLS UH.HLYHG 46 TXDOLW\ V\VWHP
.HUWLIL.DWLRQ IRU LWV ZRUOGZLGH KHDGTXDUWHUV
GHVLJQ DQG ZDIHU IDEUL.DWLRQ ID.LOLWLHV LQ
&KDQGOHU DQG 7HPSH $UL]RQD LQ -XO\  7KH
&RPSDQ\¶V TXDOLW\ V\VWHP SUR.HVVHV DQG
SUR.HGXUHV DUH 46 .RPSOLDQWIRU LWV
3,&PL.URŠ ELW0&8V ./ "Š .RGH KRSSLQJ
GHYL.HV 6HULDO ((3520V DQG PL.URSHULSKHUDO
SURGX.WV ,Q DGGLWLRQ 0L.UR.KLS¶V TXDOLW\
V\VWHP IRU WKH GHVLJQ DQG PDQXID.WXUH RI
GHYHORSPHQW V\VWHPV LV ,62  .HUWLILHG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com