Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-IMLSQTP Datasheet(PDF) 78 Page - Microchip Technology

Part # PIC16F1459-IMLSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-IMLSQTP Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC16F1459-IMLSQTP Datasheet HTML 74Page - Microchip Technology PIC16F1459-IMLSQTP Datasheet HTML 75Page - Microchip Technology PIC16F1459-IMLSQTP Datasheet HTML 76Page - Microchip Technology PIC16F1459-IMLSQTP Datasheet HTML 77Page - Microchip Technology PIC16F1459-IMLSQTP Datasheet HTML 78Page - Microchip Technology PIC16F1459-IMLSQTP Datasheet HTML 79Page - Microchip Technology PIC16F1459-IMLSQTP Datasheet HTML 80Page - Microchip Technology PIC16F1459-IMLSQTP Datasheet HTML 81Page - Microchip Technology PIC16F1459-IMLSQTP Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 418 page
background image
PIC16(L)F1454/5/9
DS41639A-page 78
Preliminary
 2012 Microchip Technology Inc.
TABLE 5-4:
SUMMARY OF REGISTERS ASSOCIATED WITH CLOCK SOURCES
TABLE 5-5:
SUMMARY OF CONFIGURATION WORD WITH CLOCK SOURCES
REGISTER 5-4:
ACTCON: ACTIVE CLOCK TUNING (ACT) CONTROL REGISTER
R/W-0/0
R/W-0/0
U-0
R/W-0/0
R-0/0
U-0
R-0/0
U-0
ACTEN
ACTUD
—ACTSRC(1)
ACTLOCK
—ACTORS
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
ACTEN: Active Clock Tuning Selection bit
1 = ACT is enabled, updates to OSCTUNE are exclusive to the ACT
0 = ACT is disabled
bit 6
ACTUD: Active Clock Tuning Update Disable bit
1 = Updates to the OSCTUNE register from ACT are disabled
0 = Updates to the OSCTUNE register from ACT are enabled
bit 5
Unimplemented: Read as ‘0’
bit 4
ACTSRC: Active Clock Tuning Source Selection bit
1 = The HFINTOSC oscillator is tuned using Fll-speed USB events
0 = The HFINTOSC oscillator is tuned using the 32.768 kHz oscillator (SOSC) clock source
bit 3
ACTLOCK: Active Clock Tuning Lock Status bit
1 = Locked; 16 MHz internal oscillator is within ± 0.20%.Locked
0 = Not locked; 16 MHz internal oscillator tuning has not stabilized within ± 0.20%
bit 2
Unimplemented: Read as ‘0’
bit 1
ACTORS: Active Clock Tuning Out-of-Range Status bit
1 = Out-of-range; oscillator frequency is outside of the OSCTUNE range
0 = In-range; oscillator frequency is within the OSCTUNE range
bit 0
Unimplemented: Read as ‘0’
Note 1:
The ACTSRC bit should only be changed when ACTEN = 0.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ACTCON
ACTEN
ACTUD
—
ACTSRC
ACTLOCK
—ACTORS
—
75
OSCCON
SPLLEN
SPLLMULT
IRCF<3:0>
SCS<1:0>
75
OSCSTAT
SOSCR
PLLRDY
OSTS
HFIOFR
—
—
LFIOFR
HFIOFS
76
OSCTUNE
—
TUNE<6:0>
77
PIR2
OSFIF
C2IF
C1IF
—
BCL1IF
USBIF
ACTIF
—
98
PIE2
OSFIE
C2IE
C1IE
—
BCL1IE
USBIE
ACTIE
—
100
T1CON
TMR1CS<1:0>
T1CKPS<1:0>
T1OSCEN
T1SYNC
—
TMR1ON
195
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by clock sources.
Name
Bits
Bit -/7
Bit -/6
Bit 13/5
Bit 12/4
Bit 11/3
Bit 10/2
Bit 9/1
Bit 8/0
Register
on Page
CONFIG1
13:8
—
—
FCMEN
IESO
CLKOUTEN
BOREN<1:0>
—
52
7:0
CP
MCLRE
PWRTE
WDTE<1:0>
FOSC<2:0>
Legend:
— = unimplemented location, read as ‘0’. Shaded cells are not used by clock sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com