Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F1459-ESLSQTP Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC16F1459-ESLSQTP
Description  14/20-Pin Flash, 8-Bit USB Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1459-ESLSQTP Datasheet(HTML) 4 Page - Microchip Technology

  PIC16F1459-ESLSQTP Datasheet HTML 1Page - Microchip Technology PIC16F1459-ESLSQTP Datasheet HTML 2Page - Microchip Technology PIC16F1459-ESLSQTP Datasheet HTML 3Page - Microchip Technology PIC16F1459-ESLSQTP Datasheet HTML 4Page - Microchip Technology PIC16F1459-ESLSQTP Datasheet HTML 5Page - Microchip Technology PIC16F1459-ESLSQTP Datasheet HTML 6Page - Microchip Technology PIC16F1459-ESLSQTP Datasheet HTML 7Page - Microchip Technology PIC16F1459-ESLSQTP Datasheet HTML 8Page - Microchip Technology PIC16F1459-ESLSQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 418 page
background image
PIC16(L)F145X
DS41639A-page 4
Preliminary
 2012 Microchip Technology Inc.
Peripheral Features:
• Up to 14 I/O Pins and Three Input-only Pins:
- High current sink/source 25 mA/25 mA
- Individually programmable weak pull-ups
- Individually programmable
Interrupt-On-Change (IOC) pins
• Timer0: 8-Bit Timer/Counter with 8-Bit
Programmable Prescaler
• Enhanced Timer1:
- 16-bit timer/counter with prescaler
- External Gate Input mode
• Timer2: 8-Bit Timer/Counter with 8-Bit Period
Register, Prescaler and Postscaler
• Two 10-bit PWM modules
• Complementary Waveform Generator (CWG)(1):
- Up to four selectable signal sources
- Selectable falling and rising edge dead-band
control
- Polarity control
- Up to four auto-shutdown sources
- Multiple input sources: PWM, Comparators
• Master Synchronous Serial Port (MSSP) with SPI
and I2C™ with:
- 7-bit address masking
- SMBus/PMBus™ compatibility
• Enhanced Universal Synchronous
Asynchronous Receiver Transmitter (EUSART):
- RS-232, RS-485 and LIN compatible
- Auto-baud detect
- Auto-wake-up on Start
PIC16(L)F145X Family Types
Note 1:
Not available on PIC16(L)F1454 devices.
Device
PIC16(L)F1454 (1) 8192 1024 11 —
—
—
2/1
2
1
1
—
1
1
I/H
Y
PIC16(L)F1455 (1) 8192 1024 11
5
2
1
2/1
2
1
1
1
1
1
I/H
Y
PIC16(L)F1459 (1) 8192 1024 17
9
2
1
2/1
2
1
1
1
1
1
I/H
Y
Note 1: I - Debugging, Integrated on Chip; H - Debugging, Available using Debug Header;
E - Emulation, Available using Emulation Header.
2: Three pins are input-only.
Data Sheet Index:
1: DS41639 PIC16(L)F1454/1455/1459 Data Sheet, 14/20-Pin Flash, 8-Bit USB Microcontrollers.
Note:
For
other
small
form-factor
package
availability
and
marking
information,
please
visit
www.microchip.com/packaging or contact your local sales office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com