Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADR430 Datasheet(PDF) 17 Page - Analog Devices

Part # ADR430
Description  Ultralow Noise XFET Voltage References with Current Sink and Source Capability
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR430 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADR430 Datasheet HTML 13Page - Analog Devices ADR430 Datasheet HTML 14Page - Analog Devices ADR430 Datasheet HTML 15Page - Analog Devices ADR430 Datasheet HTML 16Page - Analog Devices ADR430 Datasheet HTML 17Page - Analog Devices ADR430 Datasheet HTML 18Page - Analog Devices ADR430 Datasheet HTML 19Page - Analog Devices ADR430 Datasheet HTML 20Page - Analog Devices ADR430 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADR430/ADR431/ADR433/ADR434/ADR435/ADR439
Rev. J | Page 17 of 24
Equation 3 shows that the apparent output impedance is reduced
by approximately the excess loop gain; therefore, as the frequency
increases, the excess loop gain decreases, and the apparent output
impedance increases. A passive element whose impedance
increases as its frequency increases is an inductor. When a
capacitor is added to the output of an op amp or a reference, it
forms a tuned circuit that resonates at a certain frequency and
results in gain peaking. This can be observed by using a model
of a semiperfect op amp with a single-pole response and some
pure resistance in series with the output. Changing capacitive
loads results in peaking at different frequencies. For most normal
op amp applications with low capacitive loading (<100 pF), this
effect is usually not observed.
However, references are used increasingly to drive the reference
input of an ADC that may present a dynamic, switching capacitive
load. Large capacitors, in the microfarad range, are used to reduce
the change in reference voltage to less than one-half LSB. Figure 31
shows the ADR431 noise spectrum with various capacitive values
to 50 μF. With no capacitive load, the noise spectrum is relatively
flat at approximately 60 nV/√Hz to 70 nV/√Hz. With various
values of capacitive loading, the predicted noise peaking
becomes evident.
10
100
1000
10
100
1k
10k
100k
ADR431
NO COMPENSATION
CL = 0µF
CL = 1µF
CL = 50µF
CL = 10µF
FREQUENCY (Hz)
Figure 31. Noise vs. Capacitive Loading
The op amp within the ADR43x family uses the classic RC
compensation technique. Monolithic capacitors in an IC are
limited to tens of picofarads. With very large external capacitive
loads, such as 50 μF, it is necessary to overcompensate the op amp.
The internal compensation node is brought out on Pin 7, and
an external series RC network can be added between Pin 7 and
the output, Pin 6, as shown in Figure 32.
+
NOTES
1. NC = NO CONNECT
2. TP = TEST PIN (DO NOT CONNECT)
1
2
3
4
5
8
6
7
ADR43x
TOP VIEW
(Not to Scale)
TP
COMP
VOUT
TRIM
TP
NC
GND
VIN
10µF
0.1µF
0.1µF
82kΩ
10nF
Figure 32. Compensated Reference
The 82 kΩ resistor and 10 nF capacitor can eliminate the noise
peaking (see Figure 33). The COMP pin should be left
unconnected if unused.
10
100
10
100
1k
10k
FREQUENCY (Hz)
CL = 1µF
RC 82kΩ AND 10nF
CL = 10µF
RC 82kΩ AND 10nF
CL = 50µF
RC 82kΩ AND 10nF
Figure 33. Noise with Compensation Network
TURN-ON TIME
Upon application of power (cold start), the time required for the
output voltage to reach its final value within a specified error band
is defined as the turn-on settling time. Two components normally
associated with this are the time for the active circuits to settle
and the time for the thermal gradients on the chip to stabilize.
Figure 17 and Figure 18 show the turn-on settling time for the
ADR431.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com