Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VRF3933 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # VRF3933
Description  RF POWER VERTICAL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VRF3933 Datasheet(HTML) 4 Page - Microsemi Corporation

  VRF3933 Datasheet HTML 1Page - Microsemi Corporation VRF3933 Datasheet HTML 2Page - Microsemi Corporation VRF3933 Datasheet HTML 3Page - Microsemi Corporation VRF3933 Datasheet HTML 4Page - Microsemi Corporation VRF3933 Datasheet HTML 5Page - Microsemi Corporation VRF3933 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VRF3933(MP)
30 MHz Test Circuit
L1
Output
C3
C11
C12
C10
C6
C7
C8
C9
C1 1200pF ATC100B ceramic
C2, C3 0.1uF 50V 1206 SMT
C9-C11 .047uF NPO 150V 1218 SMT
C6 100 pF metal clad mica
C7 ARCO 462 mica trimmer
C8 15 pF ATC 100E ceramic
C4, C12 10uF 100V Electrolytic
L1 23 nH - 2t #18 0.2"d .2"l
L2 62 nH - 3t #12 0.31"dia
L3 2t #16 on 2x 267300081 .5" bead
R1-R2 1k Ω 1/4W
R3 100 Ω 1W
T1 9:1 transforner 3t #24 teflon on
RF Parts Co. T1/2 transformer core
T2 4:1 transformer 2t 3-ply #16 teflon on
RF Parts Co. T1 transformer core
30 MHz Test Circuit
Vbias
R1
R2
L2
RF
Input
C2
T1
C1
R3
L3
T2
+
100V
C4
+
VRF3933



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com