Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SH8M32GCCTCEBAA01 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SH8M32GCCTCEBAA01
Description  e?줞MCTM Product Family
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SH8M32GCCTCEBAA01 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SH8M32GCCTCEBAA01 Datasheet HTML 1Page - List of Unclassifed Manufacturers SH8M32GCCTCEBAA01 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
JEDEC 0.5mm pitch 169b
Density
Part Number
eMMC Spec
Package
Temp
8GB
SH8M08GBATCEBAA01
4.5
169b 12x16x1.0
Automotive
8GB
SH8M08GBATCEBAI01
4.5
169b 12x16x1.0
Industrial
8GB
SH8M8GCATCEBAE01
4.5
169b 12x16x1.0
Extended
16GB
SH8M16GCATCEBAA01
4.5
169b 12x16x1.0
Automotive
16GB
SH8M16GCATCEBAI01
4.5
169b 12x16x1.0
Industrial
16GB
SH8M32GCCTCEBAE01
4.5
169b 12x16x1.0
Extended
32GB
SH8M32GCCTCEBAA01
4.5
169b 12x16x1.2
Automotive
32GB
SH8M32GCCTCEBAI01
4.5
169b 12x16x1.2
Industrial
32GB
SH8M64GCETCEBAE01
4.5
169b 12x16x1.2
Extended
64GB
SH8M64GCETCEBAA01
4.5
169b 12x16x1.4
Automotive
64GB
SH8M64GCETCEBAI01
4.5
169b 12x16x1.4
Industrial
64GB
SH8M64GCETCEBAE01
4.5
169b 12x16x1.4
Extended
©2013.Allrightsreserved.Thestylized“S”and“SMART”aswellas“SMARTModularTechnologies”aretrademarksofSMARTModularTechnologies.Allothertrademarksandregisteredtrademarksarethepropertyoftheirrespectivecompanies.07.18.13/eMMC/Rev.4
1.0mm pitch 100b
Density
Part Number
eMMC Spec
Package
Temp
8GB
SH8M08GAETCEBAA01
4.5
100b 14x18x1.4
Automotive
8GB
SH8M08GAETCEBAAI01
4.5
100b 14x18x1.4
Industrial
8GB
SH8M08GAETCEBAE01
4.5
100b 14x18x1.4
Extended
16GB
SH8M16GAETCEBAA01
4.5
100b 14x18x1.4
Automotive
16GB
SH8M16GAETCEBAI01
4.5
100b 14x18x1.4
Industrial
16GB
SH8M16GAETCEBAE01
4.5
100b 14x18x1.4
Extended
32GB
SH8M32GAETCEBAA01
4.5
100b 14x18x1.4
Automotive
32GB
SH8M32GAETCEBAI01
4.5
100b 14x18x1.4
Industrial
32GB
SH8M32GAETCEBAE01
4.5
100b 14x18x1.4
Extended
64GB
SH8M64GAGTCEBAA01
4.5
100b 14x18x1.6
Automotive
64GB
SH8M64GAGTCEBAI01
4.5
100b 14x18x1.6
Industrial
64GB
SH8M64GAGTCEBAE01
4.5
100b 14x18x1.6
Extended
w w w . s m a r t m . c o m
Corporate Headquarters
39870EurekaDr.
NewarkCA94560
Tel:(+1)800-956-7627
Tel:(+1)510-623-1231
Fax:(+1)510-623-1434
Email:info@smartm.com
Customer Service
Tel:(+1)978-303-8500
Email:customers@smartm.com
Latin America
Tel:(+55)114417-7200
Email:sac@smartm.com
Europe
Tel:(+44)7825-084427
Email:euro.sales@smartm.com
Asia/Pacific
Tel:(+65)6232-2858
Email:infoasia@smartm.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com