Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

24LC256-I/MS Datasheet(PDF) 2 Page - Texas Instruments

Part # 24LC256-I/MS
Description  evaluation of the features of the TAS5548 PWM digital audio processor.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

24LC256-I/MS Datasheet(HTML) 2 Page - Texas Instruments

  24LC256-I/MS Datasheet HTML 1Page - Texas Instruments 24LC256-I/MS Datasheet HTML 2Page - Texas Instruments 24LC256-I/MS Datasheet HTML 3Page - Texas Instruments 24LC256-I/MS Datasheet HTML 4Page - Texas Instruments 24LC256-I/MS Datasheet HTML 5Page - Texas Instruments 24LC256-I/MS Datasheet HTML 6Page - Texas Instruments 24LC256-I/MS Datasheet HTML 7Page - Texas Instruments 24LC256-I/MS Datasheet HTML 8Page - Texas Instruments 24LC256-I/MS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
I2S-IN
I2C
OSC
PWM-OUT
1-2
HP
TAS1020B
TPA6138A2
TAS5548
EEPROM
LDO
5 V
3.3 V
U
S
B
Overview
www.ti.com
1
Overview
The EVM demonstrates the TAS5548 device from Texas Instruments. The TAS5548 is an 8-channel audio
processor with ASRC and PWM output. This EVM has two outputs (Left and Right channels) via 3.5-mm
headphone jack. For detailed information about the TAS5548 device, review the device data sheet
(SLES270).
Figure 1. TAS5548EVM Printed-Circuit Board
The EVM, together with other TI components on this board, is a 2.0-channel digital audio processor
system. The digital input (I2S) comes from USB port via the TAS1020B. The 2-channel outputs go to the
TPA6138A2, headphones amplifier.
Figure 2. Complete EVM Signal Path
1.1
TAS5548EVM Features
•
USB powered (~320 mA)
•
Audio streams from host PC
•
Small form factor for software development – portable
•
No jumpers or extensive setup time
2
TAS5548-5558EVM
SLOU351B – October 2012 – Revised August 2013
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com