Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AF518A Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM8AF518A
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF518A Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM8AF518A Datasheet HTML 56Page - STMicroelectronics STM8AF518A Datasheet HTML 57Page - STMicroelectronics STM8AF518A Datasheet HTML 58Page - STMicroelectronics STM8AF518A Datasheet HTML 59Page - STMicroelectronics STM8AF518A Datasheet HTML 60Page - STMicroelectronics STM8AF518A Datasheet HTML 61Page - STMicroelectronics STM8AF518A Datasheet HTML 62Page - STMicroelectronics STM8AF518A Datasheet HTML 63Page - STMicroelectronics STM8AF518A Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 110 page
background image
Electrical characteristics
STM8AF52/62xx, STM8AF51/61xx
60/110
Doc ID 14395 Rev 9
10.3.1
VCAP external capacitor
Stabilization for the main regulator is achieved connecting an external capacitor CEXT to the
VCAP pin. CEXT is specified in Table 26. Care should be taken to limit the series inductance
to less than 15 nH.
Figure 11.
External capacitor CEXT
1.
Legend: ESR is the equivalent series resistance and ESL is the equivalent inductance.
10.3.2
Supply current characteristics
The current consumption is measured as described in Figure 8 on page 56 and Figure 9 on
page 57.
If not explicitly stated, general conditions of temperature and voltage apply.
Table 27.
Operating conditions at power-up/power-down
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tVDD
VDD rise time rate
—
2(1)
1.
Guaranteed by design, not tested in production.
—
µs/V
VDD fall time rate
—
2(1)
—
tTEMP
Reset release delay
VDD rising
—
3
—
ms
Reset generation delay
VDD falling
—
3
—
µs
VIT+
Power-on reset
threshold(2)
2.
If VDD is below 3 V, the code execution is guaranteed above the VIT- and VIT+ thresholds. RAM content is
kept. The EEPROM programming sequence must not be initiated.
—
2.65
2.8
2.95
V
VIT-
Brown-out reset
threshold
—
2.58
2.73
2.88
VHYS(BOR)
Brown-out reset
hysteresis
——
70(1)
mV
C
Rleak
ESR
ESL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com