| Electronic Components Datasheet Search |
|
STM8AF5188 Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AF5188 Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 110 page ![]() Product overview STM8AF52/62xx, STM8AF51/61xx 20/110 Doc ID 14395 Rev 9 5.6 Low-power operating modes For efficient power management, the application can be put in one of four different low- power modes. You can configure each mode to obtain the best compromise between lowest power consumption, fastest start-up time and available wakeup sources. ● Wait mode In this mode, the CPU is stopped but peripherals are kept running. The wakeup is performed by an internal or external interrupt or reset. ● Active-halt mode with regulator on In this mode, the CPU and peripheral clocks are stopped. An internal wakeup is generated at programmable intervals by the auto wake up unit (AWU). The main voltage regulator is kept powered on, so current consumption is higher than in Active- halt mode with regulator off, but the wakeup time is faster. Wakeup is triggered by the internal AWU interrupt, external interrupt or reset. ● Active-halt mode with regulator off This mode is the same as Active-halt with regulator on, except that the main voltage regulator is powered off, so the wake up time is slower. ● Halt mode CPU and peripheral clocks are stopped, the main voltage regulator is powered off. Wakeup is triggered by external event or reset. In all modes the CPU and peripherals remain permanently powered on, the system clock is applied only to selected modules. The RAM content is preserved and the brown-out reset circuit remains activated. Table 7. Peripheral clock gating bits (CLK_PCKENR2) Control bit Peripheral PCKEN27 CAN PCKEN26 Reserved PCKEN25 Reserved PCKEN24 Reserved PCKEN23 ADC PCKEN22 AWU PCKEN21 Reserved PCKEN20 Reserved |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |