Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AF5179 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM8AF5179
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF5179 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM8AF5179 Datasheet HTML 12Page - STMicroelectronics STM8AF5179 Datasheet HTML 13Page - STMicroelectronics STM8AF5179 Datasheet HTML 14Page - STMicroelectronics STM8AF5179 Datasheet HTML 15Page - STMicroelectronics STM8AF5179 Datasheet HTML 16Page - STMicroelectronics STM8AF5179 Datasheet HTML 17Page - STMicroelectronics STM8AF5179 Datasheet HTML 18Page - STMicroelectronics STM8AF5179 Datasheet HTML 19Page - STMicroelectronics STM8AF5179 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 110 page
background image
Product overview
STM8AF52/62xx, STM8AF51/61xx
16/110
Doc ID 14395 Rev 9
5.2
Single wire interface module (SWIM) and debug module (DM)
5.2.1
SWIM
The single wire interface module, SWIM, together with an integrated debug module, permits
non-intrusive, real-time in-circuit debugging and fast memory programming. The interface
can be activated in all device operation modes and can be connected to a running device
(hot plugging).The maximum data transmission speed is 145 bytes/ms.
5.2.2
Debug module
The non-intrusive debugging module features a performance close to a full-flavored
emulator. Besides memory and peripheral operation, CPU operation can also be monitored
in real-time by means of shadow registers.
R/W of RAM and peripheral registers in real-time
R/W for all resources when the application is stopped
Breakpoints on all program-memory instructions (software breakpoints), except the
interrupt vector table
Two advanced breakpoints and 23 predefined breakpoint configurations
5.3
Interrupt controller
Nested interrupts with three software priority levels
24 interrupt vectors with hardware priority
Five vectors for external interrupts (up to 37 depending on the package)
Trap and reset interrupts
5.4
Flash program and data EEPROM
32 Kbytes to 128 Kbytes of high density single voltage Flash program memory
Up to 2 Kbytes true (not emulated) data EEPROM
Read while write: writing in the data memory is possible while executing code in the
Flash program memory.
The whole Flash program memory and data EEPROM are factory programmed with 0x00.
5.4.1
Architecture
The memory is organized in blocks of 128 bytes each
Read granularity: 1 word = 4 bytes
Write/erase granularity: 1 word (4 bytes) or 1 block (128 bytes) in parallel
Writing, erasing, word and block management is handled automatically by the memory
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com