Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM8AF61A9 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM8AF61A9
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AF61A9 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM8AF61A9 Datasheet HTML 46Page - STMicroelectronics STM8AF61A9 Datasheet HTML 47Page - STMicroelectronics STM8AF61A9 Datasheet HTML 48Page - STMicroelectronics STM8AF61A9 Datasheet HTML 49Page - STMicroelectronics STM8AF61A9 Datasheet HTML 50Page - STMicroelectronics STM8AF61A9 Datasheet HTML 51Page - STMicroelectronics STM8AF61A9 Datasheet HTML 52Page - STMicroelectronics STM8AF61A9 Datasheet HTML 53Page - STMicroelectronics STM8AF61A9 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 110 page
background image
Interrupt table
STM8AF52/62xx, STM8AF51/61xx
50/110
Doc ID 14395 Rev 9
8
Interrupt table
Table 19.
STM8A interrupt table(1)
Priority
Source block
Description
Interrupt vector
address
Wakeup
from Halt
Comments
—
Reset
Reset
0x00 6000
Yes
Reset vector in ROM
—
TRAP
SW interrupt
0x00 8004
—
—
0
TLI
External top level interrupt
0x00 8008
—
—
1
AWU
Auto-wakeup from Halt
0x00 800C
Yes
—
2
Clock
controller
Main clock controller
0x00 8010
—
—
3
MISC
External interrupt E0
0x00 8014
Yes
Port A interrupts
4
MISC
External interrupt E1
0x00 8018
Yes
Port B interrupts
5
MISC
External interrupt E2
0x00 801C
Yes
Port C interrupts
6
MISC
External interrupt E3
0x00 8020
Yes
Port D interrupts
7
MISC
External interrupt E4
0x00 8024
Yes
Port E interrupts
8
CAN
CAN interrupt Rx
0x00 8028
Yes
—
9
CAN
CAN interrupt TX/ER/SC
0x00 802C
—
—
10
SPI
End of transfer
0x00 8030
Yes
—
11
Timer 1
Update/overflow/
trigger/break
0x00 8034
—
—
12
Timer 1
Capture/compare
0x00 8038
—
—
13
Timer 2
Update/overflow
0x00 803C
—
—
14
Timer 2
Capture/compare
0x00 8040
—
—
15
Timer 3
Update/overflow
0x00 8044
—
—
16
Timer 3
Capture/compare
0x00 8048
—
—
17
USART
Tx complete
0x00 804C
—
—
18
USART
Receive data full reg.
0x00 8050
—
—
19
I2C
I2C interrupts
0x00 8054
Yes
—
20
LINUART
Tx complete/error
0x00 8058
—
—
21
LINUART
Receive data full reg.
0x00 805C
—
—
22
ADC
End of conversion
0x00 8060
—
—
23
Timer 4
Update/overflow
0x00 8064
—
—
24
EEPROM
End of programming/
write in not allowed area
0x00 8068
—
—
1.
All unused interrupts must be initialized with ‘IRET’ for robust programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com