Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99MC6-LF Datasheet(PDF) 24 Page - STMicroelectronics

Part # L99MC6-LF
Description  Configurable 6-channel device
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6-LF Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L99MC6-LF Datasheet HTML 20Page - STMicroelectronics L99MC6-LF Datasheet HTML 21Page - STMicroelectronics L99MC6-LF Datasheet HTML 22Page - STMicroelectronics L99MC6-LF Datasheet HTML 23Page - STMicroelectronics L99MC6-LF Datasheet HTML 24Page - STMicroelectronics L99MC6-LF Datasheet HTML 25Page - STMicroelectronics L99MC6-LF Datasheet HTML 26Page - STMicroelectronics L99MC6-LF Datasheet HTML 27Page - STMicroelectronics L99MC6-LF Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
SPI electrical characteristics
L99MC6
24/55
Doc ID 16523 Rev 1
7.3
Dynamic characteristics
Table 11.
Dynamic characteristic
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
fC
Clock frequency
-
-
-
1
MHz
tSCSN
CSN low setup time
see Figure 8
120
-
-
ns
tHCSN
CSN high setup time
see Figure 8
1-
-
μs
tCSNQV
CSN falling until DO valid
-
5
130
250
ns
tCSNQT
CSN rising until DO tristate
-
150
650
1000
ns
tSSCK
SCK setup time before CSN
rising
-
200
-
-
ns
tSSDI
Data in setup time
see Figure 8
20
-
-
ns
tCHDX
Data hold setup time
see Figure 8
30
-
-
ns
tHSCK
SCK high time
see Figure 8
115
-
-
ns
tLSCK
SCK low time
see Figure 8
115
-
-
ns
tSCKQV
Clock high to output valid
COUT = 100 pF
-
150
-
ns
tQLQH
Output rise time
COUT = 100 pF
-
110
-
ns
tQHQL
Output fall time
COUT = 100 pF
-
110
-
ns
tenDOtriH
DO enable time from tristate to
high-level
COUT = 100 pF, IOUT = -1 mA,
pull-down load to GND
-
100
250
ns
tenDOtriL
DO enable time from tristate to
low-level
COUT = 100 pF, IOUT=1 mA,
pull-up load to VCC
-
100
250
ns
tdisDOHtri
DO disable time from high-level
to tristate
COUT = 100 pF, IOUT = -4 mA,
pull-down load to GND
-
625
720
ns
tdisDOLtri
DO disable time from low-level
to tristate
COUT = 100 pF, IOUT =4mA,
pull-up load to VCC
-
540
620
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com