Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4952 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4952
Description  VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4952 Datasheet(HTML) 3 Page - STMicroelectronics

  L4952 Datasheet HTML 1Page - STMicroelectronics L4952 Datasheet HTML 2Page - STMicroelectronics L4952 Datasheet HTML 3Page - STMicroelectronics L4952 Datasheet HTML 4Page - STMicroelectronics L4952 Datasheet HTML 5Page - STMicroelectronics L4952 Datasheet HTML 6Page - STMicroelectronics L4952 Datasheet HTML 7Page - STMicroelectronics L4952 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FUNCTIONAL DESCRIPTION
The L4952 is a monolithic voltage regulator with
an output voltage of typically 8.6V and a maxi-
mum output current of 150mA. It ’s a device for
audio applications in carradios.
The device contain a precision Bandgap refer-
ence, a output amplifier with overcurrent protec-
tion, two voltage switches, a driver for an external
pnp switch, a discharge circuitry for theft detec-
tion and a overtemperature protection.
For automatic PCB assembly
the package is
SO12+4+4. To use the maximal current of 150mA
a small copper area of 2cm
2
as heat sink on
board (Rth=60K/W) is necessary.
The device has a very low quiescent current in
standby mode. If the digital Input EN is Low the
device is switched off (stand by mode) and if EN
ELECTRICAL CHARACTERISTICS (Vs = 14V; TJ = 25°C unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Is
Vs Quiescent current
no Load
1.6
5
mA
Issb
Vs standby current
EN = 0V
0
20
µA
VINLEN
Low Voltage EN
-0.3
0.5
V
VINHEN
High Voltage EN
VS = 18V
3.5
18
V
VIN L EN2,3
EN2, EN3, Low Voltage
-18
1.05
V
VIN H EN2,3
EN2, EN3, High Voltage
VS = 18V
1.45
18
V
VIN L HSON
HSON Low Voltage
-18
1.0
V
VIN H HSON
HSON High Voltage
VS = 18V
2.0
18
V
IINH
Current EN2, EN3, HSON
VIn = 5V
30
70
µA
IINL
Current EN2, EN3, HSON
VIn = 0V
-10
10
µA
IIN ON/OFF
Current High EN
VIn = 5V
-10
100
200
µA
Voltage Regulator (OUT 1)
Vo1
Output voltage
no load
8.4
8.6
8.8
V
VDP1
Dropout voltage
Vs = 8.4V, VDP1= Vs - Vout1
Io1= 0.15A, I02,3 = 0mA
0.16
0.6
V
Io1= 0.1A, I02,3 = 0mA
0.11
0.4
V
Io1= 0.05A, I02,3 = 0mA
0.06
0.2
V
SVRR
Supply Voltage ripple rejection
f = 100Hz, C = 10
µF ESR = 5Ω
60
70
dB
VoLo
Load regulation
10mA < Io < 150 mA
30
60
mV
IoLim1
Current limits
VOUT = 8V
150
300
800
mA
Voltage Regulator (OUT 4)
Vo4
Output voltage
no load
9.5
10.0
10.5
V
VDP4
Dropout voltage
I = 3mA Vs = 8.6V
0.14
0.3
V
I = 1.5mA Vs = 8.6V
0.075
0.15
V
SVRR
Supply Voltage ripple rejection
f = 100Hz C = 10
µF ESR = 5Ω
30
60
dB
Vo4Lo
Load regulation
0.5mA < I < 3 mA
100
mV
Io4Lim
Current limits
VOUT = 8V
8
60
mA
Diagnostic Output
VLDIAG
Output Diagnostic Low voltage
RDIAG to 5 V = 10K
Ω
0.4
V
∆Vout
Output voltage drop before
diagnostic activation
VS > 6V IO1 = 100mA
IO2 = IO3 = 0mA
30
200
mV
Voltage Switches Vout2/3
VDP2
Dropout Vout2
Io2 = 50mA, En2 = H
0.25
0.5
V
Io2 = 25mA, En2 = H
0.125
0.25
V
VDP3
Dropout Vout3
Io3 = 75mA, En3 = L
0.25
0.5
V
Io3 = 40mA, En3 = L
0.14
0.28
V
High Side Switch Driver
VDPHS
Low Drop Voltage
Iout = 50mA, HSON = H
0.26
0.8
V
VDPHS
Drop detection threshold
VDth = VS - V14, HSON = H
0.7
1
1.3
V
L4952
3/8
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com