Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5957PD Datasheet(PDF) 10 Page - STMicroelectronics

Part # L5957PD
Description  Multifunction voltage regulator for car radio
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5957PD Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L5957PD Datasheet HTML 6Page - STMicroelectronics L5957PD Datasheet HTML 7Page - STMicroelectronics L5957PD Datasheet HTML 8Page - STMicroelectronics L5957PD Datasheet HTML 9Page - STMicroelectronics L5957PD Datasheet HTML 10Page - STMicroelectronics L5957PD Datasheet HTML 11Page - STMicroelectronics L5957PD Datasheet HTML 12Page - STMicroelectronics L5957PD Datasheet HTML 13Page - STMicroelectronics L5957PD Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Electrical specifications
L5957
10/16
Doc ID 14442 Rev 2
Figure 4.
Maximum ESR for stability valid for all the regulators outputs
Figure 5.
Timing diagram of regulators and power switch
5
10
100
C [µF]
ESR
[
Ω]
0.5
10
1
5
Maximum ESR
Minimum ESR
Stable region
AC00591
9V
V
VIN1=VIN2
9V
POWER SWITCH
8.5V
3.3V
REG1(8.5V)
REG4(3.3V)
5V
REG3(5V)
ENREG1-4
5V
REG2(5V)
ENREG3
EN-SW
DUMP
D02AU1420A
M
VM
18V
≤ VM ≤ 22V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com