Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6385 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6385
Description  HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6385 Datasheet(HTML) 6 Page - STMicroelectronics

  L6385 Datasheet HTML 1Page - STMicroelectronics L6385 Datasheet HTML 2Page - STMicroelectronics L6385 Datasheet HTML 3Page - STMicroelectronics L6385 Datasheet HTML 4Page - STMicroelectronics L6385 Datasheet HTML 5Page - STMicroelectronics L6385 Datasheet HTML 6Page - STMicroelectronics L6385 Datasheet HTML 7Page - STMicroelectronics L6385 Datasheet HTML 8Page - STMicroelectronics L6385 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
-45
-25
0
25
50
75
100
125
0
200
400
600
800
1000
Tj (°C)
Typ.
@ Vcc = 15V
Figure 12. Output Sink Current vs. Tempera-
ture
-45
-25
0
25
50
75
100
125
5
6
7
8
9
10
11
12
13
Tj (°C)
Typ.
@ Vcc = 15V
Figure 7. VBOOT UV Turn On Threshold vs.
Temperature
-45
-25
0
25
50
75
100
125
6
7
8
9
10
11
12
13
14
Typ.
@ Vcc = 15V
Figure 8. VBOOT UV Turn Off Threshold vs.
Temperature
-45
-25
0
25
50
75
100
125
7
8
9
10
11
12
13
Tj (°C)
Typ.
Figure 9. Vcc UV Turn On Threshold vs.
Temperature
-45
-25
0
25
50
75
100
125
6
7
8
9
10
11
Tj (°C)
Typ.
Figure 10. Vcc UV Turn Off Threshold vs.
Temperature
-45
-25
0
255075
100
125
0
200
400
600
800
1000
Tj (°C)
Typ.
@ Vcc = 15V
Figure 11. Output Source Current vs. Tem-
perature
L6385
6/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com