Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6561D Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6561D
Description  POWER FACTOR CORRECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6561D Datasheet(HTML) 3 Page - STMicroelectronics

  L6561D Datasheet HTML 1Page - STMicroelectronics L6561D Datasheet HTML 2Page - STMicroelectronics L6561D Datasheet HTML 3Page - STMicroelectronics L6561D Datasheet HTML 4Page - STMicroelectronics L6561D Datasheet HTML 5Page - STMicroelectronics L6561D Datasheet HTML 6Page - STMicroelectronics L6561D Datasheet HTML 7Page - STMicroelectronics L6561D Datasheet HTML 8Page - STMicroelectronics L6561D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS (VCC = 14.5V; Tamb = -25
°C to 125°C; unless otherwise specified)
SUPPLY VOLTAGE SECTION
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCC
8
Operating Range
after turn-on
11
18
V
VCC ON
8
Turn-on Threshold
11
12
13
V
VCC OFF
8
Turn-off Threshold
8.7
9.5
10.3
V
Hys
8
Hysteresis
2.2
2.5
2.8
V
SUPPLY CURRENT SECTION
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ISTART-U
8
Start-up Current
before turn-on (VCC =11V)
20
50
90
µA
Iq
8
Quiescent Current
2.6
4
mA
ICC
Operating Supply Current
CL = 1nF @ 70KHz
4
5.5
mA
in OVP condition Vpin1 = 2.7V
1.4
2.1
mA
Iq
Quiescent Current
VPIN5
≤ 150mV, VCC >VCC off
1.4
2.1
mA
VPIN5
≤ 150mV, VCC <VCC off
20
50
90
µA
VZ
8
Zener Voltage
ICC = 25mA
18
20
22
V
ERROR AMPLIFIER SECTION
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VINV
1
Voltage Feedback Input
Threshold
Tamb =25
°C
2.465
2.5
2.535
V
12V < VCC < 18V
2.44
2.56
Line Regulation
VCC = 12 to 18V
2
5
mV
IINV
1
Input Bias Current
-0.1
-1
µA
GV
Voltage Gain
Open loop
60
80
dB
GB
Gain Bandwidth
1
MHz
ICOMP
2
Source Current
VCOMP = 4V, VINV = 2.4V
-2
-4
-8
mA
Sink Current
VCOMP = 4V, VINV = 2.6V
2.5
4.5
mA
VCOMP
2
Upper Clamp Voltage
ISOURCE = 0.5mA
5.8
V
Lower Clamp Voltage
ISink = 0.5mA
2.25
V
MULTIPLIER SECTION
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VMULT
3
Linear Operating Voltage
0 to 3
0 to 3.5
V
∆VCS
∆Vmult
Output Max. Slope
VMULT = from 0V to 0.5V
VCOMP = Upper Clamp Voltage
1.65
1.9
K
Gain
VMULT =1V VCOMP = 4V
0.45
0.6
0.75
1/V
CURRENT SENSE COMPARATOR
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VCS
4
Current Sense Reference
Clamp
VMULT = 2.5V
VCOMP = Upper Clamp Voltage
1.6
1.7
1.8
V
ICS
4
Input Bias Current
VOS = 0
-0.05
-1
µA
td (H-L)
4
Delay to Output
200
450
ns
4
Current Sense Offset
0
15
mV
L6561
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com