Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6562N Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6562N
Description  TRANSITION-MODE PFC CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562N Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6562N Datasheet HTML 4Page - STMicroelectronics L6562N Datasheet HTML 5Page - STMicroelectronics L6562N Datasheet HTML 6Page - STMicroelectronics L6562N Datasheet HTML 7Page - STMicroelectronics L6562N Datasheet HTML 8Page - STMicroelectronics L6562N Datasheet HTML 9Page - STMicroelectronics L6562N Datasheet HTML 10Page - STMicroelectronics L6562N Datasheet HTML 11Page - STMicroelectronics L6562N Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
L6562
8/16
Figure 20. Gate-drive clamp vs. Tj
Figure 21. UVLO saturation vs. Tj
Tj (°C)
Vpin7 clamp
(V)
-50
0
50
100
150
10
11
12
13
14
15
Vcc = 20 V
Tj (°C)
-50
0
50
100
150
0.5
0.6
0.7
0.8
0.9
1
1.1
Vcc = 0 V
Vpin7
(V)
4
Application Information
4.1 Overvoltage protection
Under steady-state conditions, the voltage control loop keeps the output voltage Vo of a PFC pre-regulator
close to its nominal value, set by the resistors R1 and R2 of the output divider. Neglecting ripple compo-
nents, the current through R1, IR1, equals that through R2, IR2. Considering that the non-inverting input of
the error amplifier is internally referenced at 2.5V, also the voltage at pin INV will be 2.5V, then:
.
If the output voltage experiences an abrupt change
∆Vo > 0 due to a load drop, the voltage at pin INV will
be kept at 2.5V by the local feedback of the error amplifier, a network connected between pins INV and
COMP that introduces a long time constant to achieve high PF (this is why
∆Vo can be large). As a result,
the current through R2 will remain equal to 2.5/R2 but that through R1 will become:
.
The difference current
∆IR1=I'R1-IR2=I'R1-IR1=∆Vo/R1 will flow through the compensation network and en-
ter the error amplifier output (pin COMP). This current is monitored inside the L6562 and if it reaches about
37 µA the output voltage of the multiplier is forced to decrease, thus smoothly reducing the energy deliv-
ered to the output. As the current exceeds 40 µA, the OVP is triggered (Dynamic OVP): the gate-drive is
forced low to switch off the external power transistor and the IC put in an idle state. This condition is main-
tained until the current falls below approximately 10 µA, which re-enables the internal starter and allows
switching to restart. The output
∆Vo that is able to trigger the Dynamic OVP function is then:
.
An important advantage of this technique is that the OV level can be set independently of the regulated
output voltage: the latter depends on the ratio of R1 to R2, the former on the individual value of R1. Another
advantage is the precision: the tolerance of the detection current is 12%, that is 12% tolerance on
∆Vo.
Since
∆Vo << Vo, the tolerance on the absolute value will be proportionally reduced.
Example: Vo = 400 V,
∆Vo = 40 V. Then: R1=40V/40µA=1MΩ; R2=1MΩ·2.5/(400-2.5)=6.289kΩ. The tol-
erance on the OVP level due to the L6562 will be 40·0.12=4.8V, that is 1.2% of the regulated value.
I
R2
2.5
R2
--------
I
R1
Vo
2.5
–
R1
----------------------
==
=
I'
R1
Vo
2.5
–
Vo
∆
+
R1
----------------------------------------
=
Vo
∆
R 1 40 10
6
–
⋅⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com