Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6566BH Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6566BH
Description  Multimode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BH Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6566BH Datasheet HTML 7Page - STMicroelectronics L6566BH Datasheet HTML 8Page - STMicroelectronics L6566BH Datasheet HTML 9Page - STMicroelectronics L6566BH Datasheet HTML 10Page - STMicroelectronics L6566BH Datasheet HTML 11Page - STMicroelectronics L6566BH Datasheet HTML 12Page - STMicroelectronics L6566BH Datasheet HTML 13Page - STMicroelectronics L6566BH Datasheet HTML 14Page - STMicroelectronics L6566BH Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
L6566BH
Electrical data
Doc ID 16610 Rev 2
11/51
3
Electrical data
3.1
Maximum rating
3.2
Thermal data
Table 2.
Absolute maximum ratings
Symbol
Pin
Parameter
Value
Unit
VHVS
1
Voltage range (referred to ground) @ 25 °C
-0.3 to 840
V
IHVS
1
Output current
Self-limited
VCC
5
IC supply voltage (Icc = 20 mA)
Self-limited
VFMOD
6
Voltage range
-0.3 to 2
V
Vmax
7, 8, 10, 14 Analog inputs and outputs
-0.3 to 7
V
Vmax
9, 15, 16
Maximum pin voltage (Ipin
≤1 mA)
Self-limited
IZCD
11
Zero-current detector max. current
±5
mA
VMODE/SC
12
Voltage range
-0.3 to 5.3
V
VOSC
13
Voltage range
-0.3 to 3.3
V
PTOT
Power dissipation @ TA = 50 °C
0.75
W
TSTG
Storage temperature
-55 to 150
°C
TJ
Junction operating temperature range
-40 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction to ambient
120
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com