Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6574 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6574
Description  CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6574 Datasheet(HTML) 1 Page - STMicroelectronics

  L6574 Datasheet HTML 1Page - STMicroelectronics L6574 Datasheet HTML 2Page - STMicroelectronics L6574 Datasheet HTML 3Page - STMicroelectronics L6574 Datasheet HTML 4Page - STMicroelectronics L6574 Datasheet HTML 5Page - STMicroelectronics L6574 Datasheet HTML 6Page - STMicroelectronics L6574 Datasheet HTML 7Page - STMicroelectronics L6574 Datasheet HTML 8Page - STMicroelectronics L6574 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
L6574
September 2003
s
HIGH VOLTAGE RAIL UP TO 600V
s
dV/dt IMMUNITY ± 50 V/ns IN FULL
TEMPERATURE RANGE
s
DRIVER CURRENT CAPABILITY:
250mA SOURCE
450mA SINK
s
SWITCHING TIMES 80/40ns RISE/FALL
s
WITH 1nF LOAD
s
CMOS SHUT DOWN INPUT
s
UNDER VOLTAGE LOCK OUT
s
PREHEAT AND FREQUENCY SHIFTING
TIMING
s
SENSE OP AMP FOR CLOSED LOOP
CONTROL OR PROTECTION FEATURES
s
HIGH ACCURACY CURRENT CONTROLLED
OSCILLATOR
s
INTEGRATED BOOTSTRAP DIODE
s
CLAMPING ON VS.
s
SO16, DIP 16 PACKAGES
DESCRIPTION
In order to ensure voltage ratings in excess of
600V, the L6574 is manufactured with BCD OFF
LINE technology, which makes it well suited for
lamp ballast applications.
The device is intended to drive two power MOS-
FETS, in the classical half bridge topology, ensur-
ing all the features needed to drive and properly
control a fluorescent bulb.
A dedicated timing section in the L6574 allows the
user set the necessary parameters for proper pre-
heat and ignition of the lamp.
Also, an OP AMP is available to implement closed
loop control of the lamp current during normal
lamp burning.
An integrated bootstrap section, eliminating the nor-
mally required bootstrap diode and the zener clamp-
ing on Vs, makes the L6574 well suited for low cost
applications where few additional components are
needed to build a high performance ballast.
SO16N
DIP16
ORDERING NUMBERS:
L6574D
L6574
CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
BLOCK DIAGRAM
GND
VREF
Imin
RING
VCO
EN1
VTHE
VTHE
EN2
VS
VBOOT
OUT
CBOOT
LOAD
H.V.
LVG
UV
DETECTION
VS
HVG
BOOTSTRAP
DRIVER
HVG
DRIVER
LVG DRIVER
Vthpre
Ifs
CPRE
VREF
Imax
RPRE
Cf
OP AMP
+
-
OPOUT
OPIN-
OPIN+
DEAD
TIME
DRIVING
LOGIC
CONTROL
LOGIC
+
-
Ipre
+
-
+
-
+
-
LEVEL
SHIFTER
D97IN493A


Similar Part No. - L6574

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6570A STMICROELECTRONICS-L6570A Datasheet
196Kb / 7P
2-CHANNEL FLOPPY DISK READ/WRITE CIRCUITS
Sep-1988
L6570B STMICROELECTRONICS-L6570B Datasheet
196Kb / 7P
2-CHANNEL FLOPPY DISK READ/WRITE CIRCUITS
Sep-1988
L6571 STMICROELECTRONICS-L6571 Datasheet
234Kb / 12P
High voltage half bridge driver with oscillator
15-Jan-2010
L6571 STMICROELECTRONICS-L6571 Datasheet
234Kb / 12P
High voltage half bridge driver with oscillator
15-Jan-2010
L6571A STMICROELECTRONICS-L6571A Datasheet
60Kb / 7P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
More results

Similar Description - L6574

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2021 PHILIPS-UBA2021 Datasheet
102Kb / 20P
630 V driver IC for CFL and TL lamps
2001 Jan 30
UBA2021 NXP-UBA2021 Datasheet
107Kb / 16P
630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
Dimming Ballast Controller IC
logo
International Rectifier
IRPLCFL8U IRF-IRPLCFL8U Datasheet
609Kb / 27P
Simplified Three Level Dimming CFL Fluorescent Ballast using the IRS2530D DIM8TM
logo
NXP Semiconductors
UBA2021 PHILIPS-UBA2021_08 Datasheet
107Kb / 16P
630 V driver IC for CFL and TL lamps
Rev. 04-25 July 2008
logo
STMicroelectronics
L6520 STMICROELECTRONICS-L6520 Datasheet
326Kb / 19P
Highly integrated ballast controller for TL and CFL
09-Mar-2011
L6520TR STMICROELECTRONICS-L6520TR Datasheet
326Kb / 19P
Highly integrated ballast controller for TL and CFL
09-Mar-2011
AN2590 STMICROELECTRONICS-AN2590 Datasheet
833Kb / 17P
20 W dimmable CFL ballast solution
08-Oct-2007
logo
International Rectifier
IRS2530D IRF-IRS2530D_15 Datasheet
462Kb / 23P
Dimming ballast control plus half-bridge driver
logo
STMicroelectronics
EVAL6574B STMICROELECTRONICS-EVAL6574B Datasheet
398Kb / 8P
CFL/TL ballast driver preheat and dimming demonstration board based on the L6574
May 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com