Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED2000 Datasheet(PDF) 17 Page - STMicroelectronics

Part # LED2000
Description  3 A monolithic step-down current source with synchronous rectification
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2000 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LED2000 Datasheet HTML 13Page - STMicroelectronics LED2000 Datasheet HTML 14Page - STMicroelectronics LED2000 Datasheet HTML 15Page - STMicroelectronics LED2000 Datasheet HTML 16Page - STMicroelectronics LED2000 Datasheet HTML 17Page - STMicroelectronics LED2000 Datasheet HTML 18Page - STMicroelectronics LED2000 Datasheet HTML 19Page - STMicroelectronics LED2000 Datasheet HTML 20Page - STMicroelectronics LED2000 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
DocID023432 Rev 4
17/40
LED2000
Application notes
40
As a consequence, the LED equivalent circuit gives the
LED(s) term correlating the output
voltage with the high impedance FB input:
Equation 14
6.5
Total loop gain
In summary, the open loop gain can be expressed as:
Equation 15
Example 1
Design specification:
VIN = 12 V, VFW_LED = 3.5 V, nLED = 2, rLED = 1.1 , ILED = 700 mA, ILED RIPPLE = 2%
The inductor and capacitor value are dimensioned in order to meet the ILED RIPPLE
specification (see Section 7.1.2 for output capacitor and inductor selection guidelines):
L = 10
H, COUT = 2.2 F MLCC (negligible ESR)
Accordingly, with Section 7.1.1 the sensing resistor value is:
Equation 16
Equation 17
The gain and phase margin Bode diagrams are plotted respectively in Figure 9 and
Figure 10.
LED nLED

RSENSE
nLED rLED RSENSE
+
----------------------------------------------------------
=
Gs

GCO s
 A
0 s
 
LED nLED


=
RS
100 mV
700 mA
--------------------- 140 m
=
LED nLED

RSENSE
nLED rLED RSENSE
+
----------------------------------------------------------
=
140 m
21,1
140 m
+
-------------------------------------------------
0,06
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com