Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5607B Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5607B
Description  MicrocontrollerData Sheet
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5607B Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5607B_13 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5607B_13 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5607B_13 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5607B_13 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5607B_13 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5607B_13 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5607B_13 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5607B_13 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5607B_13 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 110 page
background image
Introduction
MPC5607B Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
3
1
Introduction
1.1
Document overview
This document describes the features of the family and options available within the family members, and highlights important
electrical and physical characteristics of the device.
1.2
Description
This family of 32-bit system-on-chip (SoC) microcontrollers is the latest achievement in integrated automotive application
controllers. It belongs to an expanding family of automotive-focused products designed to address the next wave of body
electronics applications within the vehicle.
The advanced and cost-efficient e200z0h host processor core of this automotive controller family complies with the
Power Architecture technology and only implements the VLE (variable-length encoding) APU (Auxiliary Processor Unit),
providing improved code density. It operates at speeds of up to 64 MHz and offers high performance processing optimized for
low power consumption. It capitalizes on the available development infrastructure of current Power Architecture devices and
is supported with software drivers, operating systems and configuration code to assist with users implementations.
Table 1. MPC5607B family comparison1
Feature
MPC5605B
MPC5606B
MPC5607B
CPU
e200z0h
Execution speed2
Up to 64 MHz
Code flash memory
768 KB
1 MB
1.5 MB
Data flash memory
64 (4
16) KB
SRAM
64 KB
80 KB
96 KB
MPU
8-entry
eDMA
16 ch
10-bit ADC
Yes
dedicated3
7 ch
15ch
29ch
15ch
29ch
shared with 12-bit ADC
19 ch
12-bit ADC
Yes
dedicated4
5 ch
shared with 10-bit ADC
19 ch
Total timer I/O5 eMIOS
37 ch,
16-bit
64 ch, 16-bit
Counter / OPWM / ICOC6
10 ch
O(I)PWM / OPWFMB /
OPWMCB / ICOC7
7ch
O(I)PWM / ICOC8
7ch
14 ch
OPWM / ICOC9
13 ch
33 ch
SCI (LINFlex)
4
8108
10
SPI (DSPI)
3
5
6
5
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com