Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX88772B Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX88772B
Description  AX88772B Product Introduction
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772B Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX88772B Datasheet HTML 12Page - ASIX Electronics Corporation AX88772B Datasheet HTML 13Page - ASIX Electronics Corporation AX88772B Datasheet HTML 14Page - ASIX Electronics Corporation AX88772B Datasheet HTML 15Page - ASIX Electronics Corporation AX88772B Datasheet HTML 16Page - ASIX Electronics Corporation AX88772B Datasheet HTML 17Page - ASIX Electronics Corporation AX88772B Datasheet HTML 18Page - ASIX Electronics Corporation AX88772B Datasheet HTML 19Page - ASIX Electronics Corporation AX88772B Datasheet HTML 20Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
Copyright (C) 2010-2012 Reserved by ASIX Electronics Corporation
AX88772B Product Introduction
The following is the jumper configuration table of the AX88772B USB to 100Base-TX/FX
Ethernet (with RMII) demo boards.
Jumper
Setting
Description
J1
The J1 is the RMII/Reverse-RMII interface headers.
Please refer to
AX88772B USB to 100Base-
TX/FX Ethernet (with RMII) Demo Boards
Reference Schematic for details.
J4
Pole #1: GPIO2
Pole #2: VCC 3.3V
Pole #3: GPIO1
Pole #4:GPIO0/PME
AX88772B GPIO Pins
J6/J8
(Default)
Set AX88772B to Internal Ethernet PHY
Set AX88772B to RMII mode
Reserved
Set AX88772B to Reverse-RMII mode
J5/J7/J9/J10
J5 : PHY_N
J7 : RMII_N
J9 : MDIO
J10 : MDC
The multi-function pins (PHY_N, RMII_N, MDIO,
MDC) for RMII/Reverse-RMII pins.
(Default)
J5 : MFA3
J7 : MFA2
J9 : MFA1
J10 : MFA0
The multi-function pins (MFA0 ~ MFA3) for LED
display purpose.
Please refer to PIN configuration of MFA in section
2.2 of AX88772B datasheet for details.
J11/J12
(Default)
Pole #1: USB_5V
Pole #2: 5V
Pole #3: DC_5V
Set
AX88772B USB to 100Base-TX/FX
Ethernet (with RMII) demo boards to Bus-power
mode.
The J12 connector doesn’t need to be connected.
Set
AX88772B USB to 100Base-TX/FX
Ethernet (with RMII) demo boards to Self-power
mode.
The J12 connector should be connected to a 5V
power adapter.
Figure 15. AX88772B USB to 100Base-TX/FX Ethernet with RMII Demo Boards Jumper Setting Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com