Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2575HV Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM2575HV
Description  LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2575HV Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM2575HV Datasheet HTML 13Page - Texas Instruments LM2575HV Datasheet HTML 14Page - Texas Instruments LM2575HV Datasheet HTML 15Page - Texas Instruments LM2575HV Datasheet HTML 16Page - Texas Instruments LM2575HV Datasheet HTML 17Page - Texas Instruments LM2575HV Datasheet HTML 18Page - Texas Instruments LM2575HV Datasheet HTML 19Page - Texas Instruments LM2575HV Datasheet HTML 20Page - Texas Instruments LM2575HV Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
LM1575, LM2575-N, LM2575HV
www.ti.com
SNVS106E – MAY 1999 – REVISED APRIL 2013
Table 2. Inductor Selection by Manufacturer's Part Number (continued)
Inductor Code
Inductor Value
Schott (1)
Pulse Eng. (2)
Renco (3)
H1500
1500
μH
67127120
PE-53121
RL1958
H2200
2200
μH
67127130
PE-53122
RL2448
APPLICATION HINTS
INPUT CAPACITOR (CIN)
To maintain stability, the regulator input pin must be bypassed with at least a 47
μF electrolytic capacitor. The
capacitor's leads must be kept short, and located near the regulator.
If the operating temperature range includes temperatures below
−25°C, the input capacitor value may need to be
larger. With most electrolytic capacitors, the capacitance value decreases and the ESR increases with lower
temperatures and age. Paralleling a ceramic or solid tantalum capacitor will increase the regulator stability at cold
temperatures. For maximum capacitor operating lifetime, the capacitor's RMS ripple current rating should be
greater than
(8)
INDUCTOR SELECTION
All switching regulators have two basic modes of operation: continuous and discontinuous. The difference
between the two types relates to the inductor current, whether it is flowing continuously, or if it drops to zero for a
period of time in the normal switching cycle. Each mode has distinctively different operating characteristics,
which can affect the regulator performance and requirements.
The LM2575 (or any of the Simple Switcher family) can be used for both continuous and discontinuous modes of
operation.
The inductor value selection guides in Figure 27 through Figure 31 were designed for buck regulator designs of
the continuous inductor current type. When using inductor values shown in the inductor selection guide, the
peak-to-peak inductor ripple current will be approximately 20% to 30% of the maximum DC current. With
relatively heavy load currents, the circuit operates in the continuous mode (inductor current always flowing), but
under light load conditions, the circuit will be forced to the discontinuous mode (inductor current falls to zero for a
period of time). This discontinuous mode of operation is perfectly acceptable. For light loads (less than
approximately 200 mA) it may be desirable to operate the regulator in the discontinuous mode, primarily because
of the lower inductor values required for the discontinuous mode.
The selection guide chooses inductor values suitable for continuous mode operation, but if the inductor value
chosen is prohibitively high, the designer should investigate the possibility of discontinuous operation. The
computer design software Switchers Made Simple will provide all component values for discontinuous (as well
as continuous) mode of operation.
Inductors are available in different styles such as pot core, toriod, E-frame, bobbin core, etc., as well as different
core materials, such as ferrites and powdered iron. The least expensive, the bobbin core type, consists of wire
wrapped on a ferrite rod core. This type of construction makes for an inexpensive inductor, but since the
magnetic flux is not completely contained within the core, it generates more electromagnetic interference (EMI).
This EMI can cause problems in sensitive circuits, or can give incorrect scope readings because of induced
voltages in the scope probe.
The inductors listed in the selection chart include ferrite pot core construction for AIE, powdered iron toroid for
Pulse Engineering, and ferrite bobbin core for Renco.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM1575 LM2575-N LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com