Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IR3827 Datasheet(PDF) 21 Page - International Rectifier

Part # IR3827
Description  6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3827 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3827 Datasheet HTML 17Page - International Rectifier IR3827 Datasheet HTML 18Page - International Rectifier IR3827 Datasheet HTML 19Page - International Rectifier IR3827 Datasheet HTML 20Page - International Rectifier IR3827 Datasheet HTML 21Page - International Rectifier IR3827 Datasheet HTML 22Page - International Rectifier IR3827 Datasheet HTML 23Page - International Rectifier IR3827 Datasheet HTML 24Page - International Rectifier IR3827 Datasheet HTML 25Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
IR3827
21
www.irf.com
© 2013 International Rectifier
July 18, 2013
directly connected to the PVin pin to bypass the
internal LDO and therefore to avoid the voltage drop
on the internal LDO. This configuration is illustrated
in Figure 11.
Figure 12 shows the configuration using an external
VCC voltage. With this configuration, the input voltage
range can be extended down to 1.0V. Please note
that the input feedforward function is disabled for
this
configuration.
The
feedback
compensation
needs to be adjusted accordingly.
It should be noted as the VCC voltage decreases, the
efficiency and the over current limit will decrease
due to the increase of RDS(ON). Please refer to the
section of the over current protection for more
information.
Figure 10 LDO Dropout Voltage at Vin=PVin=5V
IR3827
VCC/
LDO_OUT
PGnd
Input =4.5V-7.5V
Vin
PVin
1.0uF
2.2uF
Figure 11 Single-Rail Configuration for 4.5V-7V inputs
Ext VCC
4.5V-7.5V
IR3827
VCC/
LDO_OUT
PGnd
Vin
PVin
2.2uF
Input =1.0V-21V
Figure 12 Use External Bias Voltage
.
SOFT-START
The IR3827 has an internal digital soft-start circuit to
control the output voltage rise time, and to limit the
current surge at the start-up. To ensure correct start-
up, the soft-start sequence initiates when the Enable
and Vcc voltages rise above their UVLO thresholds
and generate the Power On Ready (POR) signal.
The slew rate of the internal soft-start can be
adjusted externally with SS_Select pin, as shown in
Table 3.
Table 3 User Selectable Soft-Start Time
SS_Select
Slew Rate
(mV/ µs)
Soft-Start Time
( ms )
Vcc
0.4
1.5
Float
0.2
3
Gnd
0.1
6
Figure 13 shows the waveforms during the soft start.
The corresponding soft-start time can be calculated
as follows.
SlewRate
V
V
T
ss
15
.
0
75
.
0
−
=
It should be noted that during the soft-start the over-
current protection (OCP) and over-voltage protection
(OVP) is enabled to protect the device for any short
circuit or over voltage condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com