Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTS645SH832LFS Datasheet(PDF) 2 Page - C&K Components

Part # PTS645SH832LFS
Description  6 mm Tact Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PTS645SH832LFS Datasheet(HTML) 2 Page - C&K Components

  PTS645SH832LFS Datasheet HTML 1Page - C&K Components PTS645SH832LFS Datasheet HTML 2Page - C&K Components PTS645SH832LFS Datasheet HTML 3Page - C&K Components PTS645SH832LFS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B–82
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ck-components.com
B
25apr13
4,5
(.177)
7,0
(.276)
2,5
(.098)
ø1,0 TYP.
(.039)
1,8
(.071)
0,7 TYP.
(.028)
4,5
(.177)
7,9
(.311)
3,5
(.138)
6,5
(.256)
ø1,0 TYP.
(.039)
4,5
(.177)
6,5
(.256)
PCB LAYOUT
2,5
(.098)
1,0
(.039)
0,3
(.012)
4,0
(.158)
7,5
(.295)
4,5
(.177)
7,0
(.276)
8,5
(.335)
0,7 TYP.
(.028)
SERIES
PTS645
S STRAIGHT
0,7
(.028)
4,1
(.161)
0,3
(.012)
1,8
(.071)
0,7 TYP.
(.028)
4,5
(.177)
7,9
(.311)
3,5
(.138)
6,5
(.256)
4,5
(.177)
4,1
(.161)
ø1,0 DIA.
(.039) TYP.
PCB LAYOUT
T STRAIGHT WITH ESD PIN
V VERTICAL
ø3,5
(.138)
1,8
(.071)
0,7 TYP.
(.028)
4,5
(.177)
7,9
(.311)
3,5
(.138)
"H"
3,6
(.142)
6,0 SQ.
(.236)
6,5
(.256)
DIMPLES
0,4 MAX.
(.015)
"H"
2,5
(.098)
1,0
(.039)
0,3
(.012)
2,55
(.100)
7,1
(.280)
4,0
(.158)
7,5
(.295)
4,5
(.177)
7,0
(.276)
8,5
(.335)
7,5
(.295)
0,7 TYP.
(.028)
6,5
(.256)
ø3,5
(.138)
DIMPLES
0,4 MAX.
(.015)
PTS645 Series
6 mm Tact Switches
TERMINATION
PCB LAYOUT
9,5
(0,374)
6,4
(0,252)
6,0 SQ.
(0,236)
9,0
(0,354)
ø3,5
(ø0,138)
SMT
PTS645S Model
PTS645V Model



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com