Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6598D Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6598D
Description  High voltage resonant controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6598D Datasheet HTML 10Page - STMicroelectronics L6598D Datasheet HTML 11Page - STMicroelectronics L6598D Datasheet HTML 12Page - STMicroelectronics L6598D Datasheet HTML 13Page - STMicroelectronics L6598D Datasheet HTML 14Page - STMicroelectronics L6598D Datasheet HTML 15Page - STMicroelectronics L6598D Datasheet HTML 16Page - STMicroelectronics L6598D Datasheet HTML 17Page - STMicroelectronics L6598D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Block diagram description
L6598
14/24
Doc ID 6554 Rev 7
The bootstrap driver introduces a voltage drop during the recharging of the capacitor Cboot
(i.e. when the low side driver is on), which increases with the frequency and with the size of
the external power MOS. It is the sum of the drop across the RDSON and of the diode
threshold voltage. At low frequency this drop is very small and can be neglected. Anyway
increasing the frequency it must be taken in to account. In fact the drop, reducing the
amplitude of the driving signal, can significantly increase the RDSON of the external power
MOS (and so the dissipation).
To be considered that in resonant power supplies the current which flows in the power MOS
decreases increasing the switching frequency and generally the increases of RDSON is not a
problem because power dissipation is negligible. The following equation is useful to
compute the drop on the bootstrap driver:
Equation 8
where Qg is the gate charge of the external power MOS, Rdson is the on resistance of the
bootstrap DMOS, and Tcharge is the time in which the bootstrap driver remains on (about the
semi-period of the switching frequency minus the dead time). The typical resistance value of
the bootstrap DMOS is 150
Ω. For example using a power MOS with a total gate charge of
30 nC the drop on the bootstrap driver is about 3 V, at a switching frequency of 200 kHz. In
fact:
Equation 9
To summaries, if a significant drop on the bootstrap driver (at high switching frequency when
large power MOS are used) represents a problem, an external diode can be used, avoiding
the drop on the RDSON of the DMOS.
5.4
Op amp section
The integrated op amp is designed to offer low output impedance, wide band, high input
impedance and wide common mode range. It can be readily used to implement protection
features or a closed loop control. For this purpose the op amp output can be properly
connected to Rfmin pin to adjust the oscillation frequency.
V
drop
I
ch
e
arg Rdson
V
diode
V
drop
→
+
Q
g
T
ch
e
arg
-------------------R
dson
V
diode
+
==
V
drop
30nC
2.23
μs
------------------150
Ω 0.6V 2.6V
∼
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com