Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA2058EX Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA2058EX
Description  TESEO™ GPS platform high-sensitivity baseband
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA2058EX Datasheet(HTML) 1 Page - STMicroelectronics

  STA2058EX Datasheet HTML 1Page - STMicroelectronics STA2058EX Datasheet HTML 2Page - STMicroelectronics STA2058EX Datasheet HTML 3Page - STMicroelectronics STA2058EX Datasheet HTML 4Page - STMicroelectronics STA2058EX Datasheet HTML 5Page - STMicroelectronics STA2058EX Datasheet HTML 6Page - STMicroelectronics STA2058EX Datasheet HTML 7Page - STMicroelectronics STA2058EX Datasheet HTML 8Page - STMicroelectronics STA2058EX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
March 2009
Rev 3
1/20
20
STA2058
TESEO™
GPS platform high-sensitivity baseband
Features
■ Single chip baseband with embedded Flash
■ Complete embedded memory system:
– Flash 256 KB +16 Kbytes
– RAM 64 Kbytes
■ 66 MHz ARM7TDMI 32 bit processor
■ High performance GPS engine (HPGPS)
■ SBAS (WAAS and EGNOS) supported
■ Sensitivity (-146 dBm acquisition, -159 dBm
tracking)
■ Time to first fix (1s reacquisition, 2.5 s hot start,
34 s warm start, 39 s cold start)
■ Accuracy (2 m autonomous)
■ External memory interface (EMI) supporting up
to 64 Mbite of external SRAM, Flash and ROM
■ Extensive GPS receiver interfaces:
48 GPIOs, 4 UARTs, 2 SPIs, 2 I2Cs,
2 CANs 2.0, 1 USB 1.1,1 HDLC and 4 channels
ADC
■ ST proprietary Flash embedded technology
■ LFBGA144 and LQFP64 lead-free package
■ -40 °C to 85 °C operating temperature range
Evaluation kits
■ STA2058 module reference design (25x25mm)
■ Evaluation board hosting STA2058 module
■ SDK board (for application SW development)
Description
STA2058 is the high-sensitivity baseband of
TESEO GPS platform which include the STA5620
RF Front-End.
The embedded Flash memory enables the
equipment manufacturer to load the entire GPS
software (including tracking, acquisition,
navigation and data output) after customizing its
interfaces to his needs. A standard GPS library is
available from ST.
TESEO is the ideal solution for consumer,
handheld, PND (portable navigation), in vehicle
navigation and telematics systems.
SBAS (WAAS and EGNOS) feature is also
supported.
LQFP64
LFBGA144
Table 1.
Device summary
Order code
Package
EMI
(External Memory Interface)
Packing
Automotive
grade
STA2058
LQFP64 (10x10x1.4mm)
No
Tray
No
STA2058TR
LQFP64 (10x10x1.4mm)
No
Tape and reel
No
STA2058EX
LFBGA144 (10x10x1.7mm)
Yes
Tray
No
STA2058EXTR
LFBGA144 (10x10x1.7mm)
Yes
Tape and reel
No
STA2058EXA
LFBGA144 (10x10x1.7mm)
Yes
Tray
Yes
STA2058EXATR
LFBGA144 (10x10x1.7mm)
Yes
Tape and reel
Yes
www.st.com


Similar Part No. - STA2058EX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA2058EX STMICROELECTRONICS-STA2058EX Datasheet
273Kb / 20P
Teseo GPS Platform high-sensitivity baseband
25-Jun-2007
More results

Similar Description - STA2058EX

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0620 ATMEL-ATR0620 Datasheet
365Kb / 15P
GPS BASEBAND PROCESSOR
ATR0621 ATMEL-ATR0621 Datasheet
396Kb / 20P
GPS Baseband Processor
logo
Sony Corporation
CXD2956AGL-1 SONY-CXD2956AGL-1 Datasheet
214Kb / 18P
GPS Baseband LSI
logo
STMicroelectronics
STA2058 STMICROELECTRONICS-STA2058 Datasheet
273Kb / 20P
Teseo GPS Platform high-sensitivity baseband
25-Jun-2007
logo
ATMEL Corporation
ATR0622 ATMEL-ATR0622 Datasheet
410Kb / 26P
GPS Baseband Processor
logo
STMicroelectronics
STA8058 STMICROELECTRONICS-STA8058 Datasheet
195Kb / 14P
Teseo??high performance GPS multi chip module (MCM)
25-Oct-2007
logo
ATMEL Corporation
ATR0622P1 ATMEL-ATR0622P1 Datasheet
266Kb / 11P
GPS Baseband Processor
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
GPS Baseband Processor
ATR0622P ATMEL-ATR0622P_08 Datasheet
504Kb / 27P
GPS Baseband Processor
ATR0621P ATMEL-ATR0621P_08 Datasheet
604Kb / 31P
GPS Baseband GPS Baseband
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com