Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD6620AS Datasheet(PDF) 27 Page - Analog Devices

Part # AD6620AS
Description  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6620AS Datasheet(HTML) 27 Page - Analog Devices

Back Button AD6620AS Datasheet HTML 23Page - Analog Devices AD6620AS Datasheet HTML 24Page - Analog Devices AD6620AS Datasheet HTML 25Page - Analog Devices AD6620AS Datasheet HTML 26Page - Analog Devices AD6620AS Datasheet HTML 27Page - Analog Devices AD6620AS Datasheet HTML 28Page - Analog Devices AD6620AS Datasheet HTML 29Page - Analog Devices AD6620AS Datasheet HTML 30Page - Analog Devices AD6620AS Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
AD6620
–27–
REV. A
If the AD6620s to be synchronized have identical decimation,
then latency through the filter stages will be matched and output
data rates for the Sync master’s filter stages will match the cor-
responding filter stages of the slave.
SYNC M/S
MASTER
SLAVE
SYNC CIC
SYNC RCF
MASTER
SLAVE
Figure 42. SYNC_CIC, SYNC_RCF Pins
The three SYNC inputs to the control block originate from the
same three bidirectional pads from which the three SYNC out-
puts are driven. When the AD6620 is a SYNC MASTER, the
internal circuitry that generates the SYNC pulse outputs is
enabled to the pads. When the AD6620 is a SYNC SLAVE, the
internally produced SYNC pulses are three-stated, and the pads
are driven from an external input. The capacitance on these pins
must be closely monitored since the master responds to the
same SYNC pulse as the slave (its own pulse). There is no input
requirement to the relative phases of these SYNC pulses. In the
absence of SYNC pulses each state machine will free run so the
latter decimation filters can be reliably synchronized by the
SYNC pulses of an earlier stage. However, when sync pulses are
provided externally, setup-and-hold times must be met for each
respective input.
CONTROL REGISTERS AND ON-CHIP RAM
The AD6620 provides a choice of two control ports. It has an
8-bit generic microprocessor port that is used for configuring
the device at boot up and dynamically reconfiguring the AD6620
in the system. It also has a synchronous serial port that can also
dynamically reconfigure the AD6620 for the desired system
operation. All control registers are available from both the serial
port and the microprocessor port. These control methods are
nonexclusive and the two ports can be used simultaneously. If
simultaneous access occurs, the serial port is given precedence
over the microprocessor port unless a micro cycle is already
under way. The microprocessor port deasserts the RDY signal
and waits until the serial access is completed for Mode 0. The
microprocessor port does not assert DTACK for Mode 1 until
the serial access is completed.
Filter Phase Synchronization
Like the NCO, the AD6620 filter stages have phase synchroni-
zation circuitry enabling multiple AD6620s to be used in appli-
cations such as diversity antennas and phased array systems.
For any fSAMP, there are MCIC2 possible phases of fSAMP2 at the
output of the CIC2 stage. Similarly, at the output of the CIC5
stage, there are MCIC5 possible phases of fSAMP5. This means that
at the output of the CIC stages there is already MCIC2
× M
CIC5
possible phases of the filtered data. Additional phase uncertainty
is introduced by decimation done in the RCF. At the output of
the AD6620 there are a total of MCIC2
× M
CIC5
× M
RCF possible
output phases of the data.
In diversity systems using multiple AD6620s, it is necessary to
ensure that the output of each AD6620 in the system is in phase.
A variety of system issues (e.g., not bringing the AD6620s on
line at the same time, excessive digital noise) could cause the
AD6620s to start out-of-phase or to drift out-of-phase as the
system runs. To achieve output phase coherence in such systems
the SYNC_CIC and SYNC_RCF pins are provided.
The function of these pins is controlled by the SYNC_M/S bit
in the Mode Control Register at address 300 hex of internal
address space. When the SYNC_M/S bit is high, SYNC_CIC
and SYNC_RCF provide synchronization pulses on the rising
edge of CLK. When the SYNC_M/S bit is low, SYNC_CIC and
SYNC_RCF accept external synchronization pulses sampled on
the rising edge of clock. This pulse edge synchronizes the CIC2,
CIC5 and RCF filter stages of all AD6620 in the chain.
Below is an example of the output SYNC pulse waveforms.
The SYNC_NCO pulse is not shown and is described in the
preceding NCO Synchronization section. Each SYNC_RCF
output pulse is concurrent with a SYNC_CIC pulse. The
SYNC_RCF output pulse can be connected to the SYNC_CIC,
and SYNC_RCF inputs of another AD6620 to achieve full
decimation synchronization.
CLK
SYNC CIC
SYNC RCF
Figure 41. SYNC Output Pulses
In the example above, MCIC2 = 3, and MCIC5 = 1 as evidenced
by the SYNC_CIC pulses that occur every 3 CLK cycles
(MCIC2
× MCIC5). MRCF = 3, resulting in SYNC_RCF pulses
that are one third as frequent as the SYNC_CIC pulses. In this
example full rate input timing is employed such that the input
data rate equals the clock rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com