Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP43TF Datasheet(PDF) 39 Page - Intel Corporation

Part # DP43TF
Description  Technical Product Specification
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP43TF Datasheet(HTML) 39 Page - Intel Corporation

Back Button DP43TF Datasheet HTML 35Page - Intel Corporation DP43TF Datasheet HTML 36Page - Intel Corporation DP43TF Datasheet HTML 37Page - Intel Corporation DP43TF Datasheet HTML 38Page - Intel Corporation DP43TF Datasheet HTML 39Page - Intel Corporation DP43TF Datasheet HTML 40Page - Intel Corporation DP43TF Datasheet HTML 41Page - Intel Corporation DP43TF Datasheet HTML 42Page - Intel Corporation DP43TF Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
Technical Reference
39
Table 9 lists the system memory map.
Table 9. System Memory Map
Address Range
(decimal)
Address Range
(hex)
Size
Description
1024 K - 8388608 K
100000 - 1FFFFFFFF
8191 MB
Extended memory
960 K - 1024 K
F0000 - FFFFF
64 KB
Runtime BIOS
896 K - 960 K
E0000 - EFFFF
64 KB
Reserved
800 K - 896 K
C8000 - DFFFF
96 KB
Potential available high DOS
memory (open to the PCI bus).
Dependent on video adapter used.
640 K - 800 K
A0000 - C7FFF
160 KB
Video memory and BIOS
639 K - 640 K
9FC00 - 9FFFF
1 KB
Extended BIOS data (movable by
memory manager software)
512 K - 639 K
80000 - 9FBFF
127 KB
Extended conventional memory
0 K - 512 K
00000 - 7FFFF
512 KB
Conventional memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com