Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA3472FVT-E2 Datasheet(PDF) 1 Page - Rohm

Part # BA3472FVT-E2
Description  High Speed with High Voltage Operational Amplifiers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3472FVT-E2 Datasheet(HTML) 1 Page - Rohm

  BA3472FVT-E2 Datasheet HTML 1Page - Rohm BA3472FVT-E2 Datasheet HTML 2Page - Rohm BA3472FVT-E2 Datasheet HTML 3Page - Rohm BA3472FVT-E2 Datasheet HTML 4Page - Rohm BA3472FVT-E2 Datasheet HTML 5Page - Rohm BA3472FVT-E2 Datasheet HTML 6Page - Rohm BA3472FVT-E2 Datasheet HTML 7Page - Rohm BA3472FVT-E2 Datasheet HTML 8Page - Rohm BA3472FVT-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
www.rohm.com
TSZ02201-0RAR0G200100-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
1/29
26.OCT.2012 Rev.002
TSZ22111・14・001
Datasheet
Operational Amplifiers Series
High Speed with High Voltage
Operational Amplifiers
BA3472xxx, BA3472RFVM, BA3474xxx, BA3474RFV
●General Description
BA3472,BA3472R,BA3474,BA3474R are dual and quad
high slew rate amplifier with wide operating voltage range
+3V
to
+36V(single
supply).
Especially,
there
characteristics are high slew rate (10V/
μs) and wide
gain band width (4MHz).
●Features
 Operable with a single power supply
 Wide operating supply voltage
 Internal phase compensation
 High open loop voltage gain
 Internal ESD protection circuit
 Operable low input voltage around GND level
 Wide output voltage range
●Application
 Current sense application
 Buffer application amplifier
 Active filter
 Consumer electronics
●Packages
W(Typ.) x D(Typ.) x H(Max.)
SOP8
5.00mm x 6.20mm x 1.71mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
MSOP8
2.90mm x 4.00mm x 0.90mm
SOP14
8.70mm x 6.20mm x 1.71mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
TSSOP-B14J
5.00mm x 6.40mm x 1.20mm
●Key Specifications
 Wide Operating Supply Voltage:
Single supply
+3.0V to +36.0V
Dual supply
±1.5V to ±18.0V
 Operating Temperature Range:
BA3474F
-40°C to +75°C
BA3472xxx BA3474xxx
-40°C to +85°C
BA3472RFVM BA3474RFV
-40°C to +105°C
 High Slew Rate:
10V/µs(Typ.)
 Unity Gain Frequency:
4MHz(Typ.)
●Block Diagram
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
Figure 1. Simplified schematic (one channel only)
VCC
VIN-
VIN+
VEE
VOUT
OUT
VEE
VIN+
VIN-
VCC


Similar Part No. - BA3472FVT-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3472FVT-E2 ROHM-BA3472FVT-E2 Datasheet
1Mb / 40P
High Speed with High Voltage Operational Amplifiers
More results

Similar Description - BA3472FVT-E2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2342 TI-TLV2342 Datasheet
519Kb / 34P
LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
logo
Rohm
BA3472F ROHM-BA3472F_09 Datasheet
601Kb / 10P
Operational Amplifiers: High Speed
BA3472F ROHM-BA3472F_11 Datasheet
571Kb / 21P
High Speed with High Voltage Operational Amplifiers
BU7291G ROHM-BU7291G Datasheet
605Kb / 27P
High Speed with Low Voltage CMOS Operational Amplifiers
BA3472 ROHM-BA3472 Datasheet
615Kb / 41P
High Speed with High Voltage Operational Amplifiers
BU5281G-TR ROHM-BU5281G-TR Datasheet
608Kb / 27P
High Speed with Low Voltage CMOS Operational Amplifiers
BA3472YFC ROHM-BA3472YFC Datasheet
659Kb / 32P
Automotive High Speed Operational Amplifiers
logo
Texas Instruments
TLV2342 TI1-TLV2342_15 Datasheet
1Mb / 43P
LinCMOSE LOW-VOLTAGE HIGH-SPEED OPERATIONAL AMPLIFIERS
logo
Rohm
BA3474F-E2 ROHM-BA3474F-E2 Datasheet
1Mb / 40P
High Speed with High Voltage Operational Amplifiers
BA3472YFV-C ROHM-BA3472YFV-C Datasheet
750Kb / 32P
Automotive High Speed Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com