Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2576 Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # LM2576
Description  regulators are monolithic integrated circuits that provide all the active functions for a step-down switching
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM2576 Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  LM2576 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM2576 Datasheet HTML 8Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM2576 Series
Block Diagram
UNREGULATED
DC INPUT
+
VIN
1
4
INTERNAL
REGULATOR
ON/OFF
5
ON/OFF
CIN
FEED-
BACK
R2
FIXED GAIN
ERRORAMP
DRIVER
3 AMP
R1
1.0k
1.23V
+
-
COMPARATOR
+
-
SWITCH
2
3
OUTPUT
D1
L1
+
VOUT
COUT
L
O
A
BAND-GAP
52kHZ
THERMAL
CURRENT
D
REFERENCE OSCILLATOR
RESET
SHUTDOWN
LIMIT
GND
3.3V, R2 =1.7K
5V, R2 = 3.1K
12V, R2 = 8.84K
15V, R2 =11.3K
For ADJ, Version
R1 = Open, R2 =0Ω
Ordering information
Temperature
Range
Output Voltage, V
Package Type
-25°C ≤ TA
≤
75°C
3.3
5.0
12
15
ADJ
LM2576SX-3.3
LM2576SX-5.0
LM2576SX-12
LM2576SX-15
LM2576SX-ADJ
LM2576HVS-3.3 LM2576HVS-5.0 LM2576HVS-12 LM2576HVS-15 LM2576HVS-ADJ
LM2576T-3.3
LM2576T-5.0
LM2576T-12
LM2576T-15
LM2576T-ADJ
LM2576HVT-3.3 LM2576HVT-5.0 LM2576HVT-12 LM2576HVT-15 LM2576HVT-ADJ
TO-263
TO-220
2
ELECTRONICS CO.,LTD
TIGER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com