Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EP2C5 Datasheet(PDF) 30 Page - Altera Corporation

Part # EP2C5
Description  Package Information Datasheet for Mature Altera Devices
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2C5 Datasheet(HTML) 30 Page - Altera Corporation

Back Button EP2C5 Datasheet HTML 26Page - Altera Corporation EP2C5 Datasheet HTML 27Page - Altera Corporation EP2C5 Datasheet HTML 28Page - Altera Corporation EP2C5 Datasheet HTML 29Page - Altera Corporation EP2C5 Datasheet HTML 30Page - Altera Corporation EP2C5 Datasheet HTML 31Page - Altera Corporation EP2C5 Datasheet HTML 32Page - Altera Corporation EP2C5 Datasheet HTML 33Page - Altera Corporation EP2C5 Datasheet HTML 34Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 182 page
background image
30
Package Information Datasheet for Mature Altera Devices
Thermal Resistance
Package Information Datasheet for Mature Altera Devices
© December 2011
Altera Corporation
MAX 7000 Devices
Table 32 lists the thermal resistance of MAX 7000 devices.
Table 32. Thermal Resistance of MAX 7000 Devices (Part 1 of 3)
Device
Package
Pin
Count
JC (° C/W)
JA (° C/W)
Still Air
JA (° C/W)
100 ft./min.
JA (° C/W)
200 ft./min.
JA (° C/W)
400 ft./min.
EPM7032
PLCC
44
10.0
33.0
31.0
30.0
27.0
PQFP
15.0
48.0
46.0
45.0
42.0
TQFP
14.0
46.0
44.0
43.0
40.0
EPM7032B
PLCC
44
10.0
33.0
31.0
30.0
27.0
TQFP
14.0
46.0
44.0
43.0
40.0
UBGA
49
23.0
69.0
67.0
66.0
62.0
EPM7032S
PLCC
44
10.0
33.0
31.0
30.0
27.0
TQFP
14.0
46.0
44.0
43.0
40.0
EPM7032V
PLCC
44
9.0
31.0
30.0
28.0
25.0
TQFP
14.0
45.0
44.0
42.0
39.0
EPM7032AE
PLCC
44
9.0
31.0
30.0
28.0
25.0
TQFP
14.0
46.0
45.0
43.0
40.0
EPM7064S
PLCC
44
9.0
31.0
30.0
28.0
25.0
TQFP
14.0
46.0
44.0
43.0
40.0
PLCC
84
9.0
28.0
26.0
25.0
23.0
TQFP
100
11.0
39.0
37.0
35.0
32.0
EPM7064
PLCC
44
9.0
31.0
30.0
28.0
25.0
TQFP
13.0
44.0
43.0
41.0
38.0
PLCC
84
9.0
28.0
26.0
25.0
22.0
PQFP
100
6.0
33.0
32.0
31.0
30.0
EPM7064AE
EPM7064B
PLCC
44
9.0
31.0
30.0
28.0
25.0
TQFP
14.0
46.0
45.0
43.0
40.0
UBGA
49
23.0
56.0
53.0
51.0
47.0
TQFP
100
12.0
39.0
37.0
35.0
31.0
FBGA
21.0
49.0
47.0
44.0
40.0
EPM7096
PLCC
68
9.0
29.0
27.0
26.0
23.0
PLCC
84
9.0
28.0
26.0
24.0
22.0
EPM7128A
PLCC
84
9.0
28.0
26.0
25.0
22.0
TQFP
100
11.0
37.0
35.0
33.0
30.0
FBGA
18.0
44.0
42.0
39.0
35.0
TQFP
144
9.0
31.0
29.0
28.0
25.0
FBGA
256
12.0
38.0
36.0
34.0
31.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com