Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ET01SF1ASE2 Datasheet(PDF) 3 Page - C&K Components

Part # ET01SF1ASE2
Description  Sealed Subminiature Toggle Switches
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ET01SF1ASE2 Datasheet(HTML) 3 Page - C&K Components

  ET01SF1ASE2 Datasheet HTML 1Page - C&K Components ET01SF1ASE2 Datasheet HTML 2Page - C&K Components ET01SF1ASE2 Datasheet HTML 3Page - C&K Components ET01SF1ASE2 Datasheet HTML 4Page - C&K Components ET01SF1ASE2 Datasheet HTML 5Page - C&K Components ET01SF1ASE2 Datasheet HTML 6Page - C&K Components ET01SF1ASE2 Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
F–27
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
ET Series
Sealed Subminiature Toggle Switches
ACTUATOR
BUSHING
TERMINATIONS
SP
DP
ET02 – omit center hole.
PC MOUNTING
SP
DP
SP
DP
(NONE)
BLACK (M3 & S3 only)
1
WHITE (M3 & S3 only)
PLASTIC
ACTUATOR COLOR
OPTION
CODE
M .240" HIGH
C
PC THRU-HOLE
W
WIRE WRAP
S1
.540" HIGH
D1
.177" HIGH, UNTHREADED
F1
ESD, CONDUCTIVE BUSHING
UNTHREADED, .177" HIGH
F1 bushing is not UL/CSA approved
M3
PLASTIC, ANTISTATIC,
.240" HIGH
S
.400" HIGH
L
.320" HIGH
NOTE: ESD protection depends on proper grounding of switch support bracket. F1 conductive bushing option is
impregnated with carbon fibers; dissipates electrostatic discharge (ESD) up to 20,000 V from actuator to ground.
Available with all metal actuator options and A, AV, AV3, V3 and V31 termination options only.
Internal actuator o-ring seal standard.
Material: Nylon 4/6 (UL 94V-0), black standard.
Static resistance: 9,000 V DC min. @ sea level,
actuator to terminals. Not available with F1
conductive bushing option. Not UL approved.
NOTE: All actuators have chrome finish (except M3 & S3 ).
Standard with A, AV, V3 & V31 terminations.
Not available with F1 conductive bushing.
Not available with F1 conductive bushing.
Standard with C or W terminations.
SP and DP
SP and DP
ACTUATOR COLOR



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com