Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS1031CPWR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # THS1031CPWR
Description  3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1031CPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS1031CPWR Datasheet HTML 10Page - Texas Instruments THS1031CPWR Datasheet HTML 11Page - Texas Instruments THS1031CPWR Datasheet HTML 12Page - Texas Instruments THS1031CPWR Datasheet HTML 13Page - Texas Instruments THS1031CPWR Datasheet HTML 14Page - Texas Instruments THS1031CPWR Datasheet HTML 15Page - Texas Instruments THS1031CPWR Datasheet HTML 16Page - Texas Instruments THS1031CPWR Datasheet HTML 17Page - Texas Instruments THS1031CPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
THS1031
3-V TO 5.5-V, 10-BIT, 30 MSPS
CMOS ANALOG-TO-DIGITAL CONVERTER
SLAS242E – NOVEMBER 1999 – REVISED MARCH 2002
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
sample-and-hold
The analog input signal AIN is applied to the AIN pin, either dc-coupled, ac-coupled, or ac-coupled with dc
restoration using the THS1031 clamp circuit.
The differential sample and hold processes AIN with respect to the voltages applied to the REFTS and REFBS
pins, to give a differential output VP+ – VP– = VP given by:
VP = AIN – VM
Where:
VM
+
(REFTS
) REFBS)
2
For single-ended input signals, VM is a constant voltage; usually the AIN mid-scale input voltage. However if
MODE = AVDD/2 then REFTS and REFBS can be connected together to operate with AIN as a complementary
pair of differential inputs (see Figures 15 and 16).
programmable gain amplifier
VP is amplified by the PGA and fed into the ADC as a differential voltage VQ+ – VQ– = VQ
VQ
= Gain
× VP = Gain × [AIN – VM]
The default PGA gain at power up is 1, but can be programmed from 0.5 to 4.0 via the control register.
analog-to-digital converter
In all operating configurations, VQ is digitized against ADC reference voltages REFTF and REFBF, full-scale
values of VQ being given by
VQFS
)+
) (REFTF * REFBF)
2
VQFS
*+
* (REFTF * REFBF)
2
VQ voltages outside the range VQFS– to VQFS+ lie outside the conversion range of the ADC. Attempts to
convert out-of-range inputs are signalled to the application by driving the OVR output pin high. VQ voltages less
than VQFS – give ADC output code 0. VQ voltages greater than VQFS+ give output code 1023.
complete system
Combining equations 1 to 3, the analog full-scale input voltages at AIN which give VQFS+ and VQFS– at the
PGA output are:
A
IN +
FS
)+ VM )
(REFTF
* REFBF)
(2
Gain)
and
A
IN +
FS
*+ VM *
(REFTF
* REFBF)
(2
Gain)
The analog input span (voltage range) that lies within the ADC conversion range is:
Input span
+ [(FS )) * (FS *)] + (REFTF * REFBF) Gain
(1)
(2)
(3)
(4)
(5)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com