Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS1031CPWRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # THS1031CPWRG4
Description  3-V TO 5.5-V, 10-BIT, 30 MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1031CPWRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS1031CPWRG4 Datasheet HTML 2Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 3Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 4Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 5Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 6Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 7Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 8Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 9Page - Texas Instruments THS1031CPWRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
THS1031
3-V TO 5.5-V, 10-BIT, 30 MSPS
CMOS ANALOG-TO-DIGITAL CONVERTER
SLAS242E – NOVEMBER 1999 – REVISED MARCH 2002
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions, AVDD = 3 V, DVDD = 3 V,
fs = 30 MSPS/50% duty cycle, MODE = AVDD, 2-V input span from 0.5 V to 2.5 V, external reference,
PGA = 1X, TA = Tmin to Tmax (unless otherwise noted) (continued)
dc accuracy
PARAMETER
MIN
TYP
MAX
UNIT
INL
Integral nonlinearity (see Note 1)
±1
±2
LSB
DNL
Differential nonlinearity (see Note 2)
±0.3
±1
LSB
Offset error (see Note 3)
0.4
2
%FSR
Gain error (see Note 4)
1.4
3.5
%FSR
Missing code
No missing code assured
NOTES:
1. Integral nonlinearity refers to the deviation of each individual code from a line drawn from zero to full scale. The point used as zero
occurs 1/2 LSB before the first code transition. The full-scale point is defined as a level 1/2 LSB beyond the last code transition. The
deviation is measured from the center of each particular code to the true straight line between these two endpoints.
2. An ideal ADC exhibits code transitions that are exactly 1 LSB apart. DNL is the deviation from this ideal value. Therefore this measure
indicates how uniform the transfer function step sizes are. The ideal step size is defined here as the step size for the device under
test (i.e., (last transition level – first transition level)
÷ (2 n – 2)). Using this definition for DNL separates the effects of gain and offset
error. A minimum DNL better than –1 LSB ensures no missing codes.
3. Offset error is defined as the difference in analog input voltage – between the ideal voltage and the actual voltage – that will switch
the ADC output from code 0 to code 1. The ideal voltage level is determined by adding the voltage corresponding to 1/2 LSB to the
bottom reference level. The voltage corresponding to 1 LSB is found from the difference of top and bottom references divided by
the number of ADC output levels (1024).
4. Gain error is defined as the difference in analog input voltage – between the ideal voltage and the actual voltage – that will switch
the ADC output from code 1022 to code 1023. The ideal voltage level is determined by subtracting the voltage corresponding to 1.5
LSB from the top reference level. The voltage corresponding to 1 LSB is found from the difference of top and bottom references
divided by the number of ADC output levels (1024).
dynamic performance (ADC and PGA)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f = 3.5 MHz
8.2
9
ENOB
Effective number of bits
f = 3.5 MHz, AVDD = 5 V
8.8
Bits
ENOB
Effective number of bits
f = 15 MHz
7.7
Bits
f = 15 MHz, AVDD = 5 V
7.64
f = 3.5 MHz
55
60
SFDR
Spurious free dynamic range
f = 3.5 MHz, AVDD = 5 V
63
dB
SFDR
Spurious free dynamic range
f = 15 MHz
48
dB
f = 15 MHz, AVDD = 5 V
52.4
f = 3.5 MHz
– 58.2
– 54.7
THD
Total harmonic distortion
f = 3.5 MHz, AVDD = 5 V
– 68.7
dB
THD
Total harmonic distortion
f = 15 MHz
– 47
dB
f = 15 MHz, AVDD = 5 V
– 51.9
f = 3.5 MHz
51.2
56
SNR
Signal to noise ratio
f = 3.5 MHz, AVDD = 5 V
55
dB
SNR
Signal-to-noise ratio
f = 15 MHz
53
dB
f = 15 MHz, AVDD = 5 V
49.3
f = 3.5 MHz
51.1
56
SINAD
Signal to noise and distortion
f = 3.5 MHz, AVDD = 5 V
55
dB
SINAD
Signal-to-noise and distortion
f = 15 MHz
48.1
dB
f = 15 MHz, AVDD = 5 V
47.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com