Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA30JC5 Datasheet(PDF) 8 Page - Rohm

Part # BA30JC5
Description  1.5A Variable/Fixed Output LDO Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA30JC5 Datasheet(HTML) 8 Page - Rohm

Back Button BA30JC5 Datasheet HTML 4Page - Rohm BA30JC5 Datasheet HTML 5Page - Rohm BA30JC5 Datasheet HTML 6Page - Rohm BA30JC5 Datasheet HTML 7Page - Rohm BA30JC5 Datasheet HTML 8Page - Rohm BA30JC5 Datasheet HTML 9Page - Rohm BA30JC5 Datasheet HTML 10Page - Rohm BA30JC5 Datasheet HTML 11Page - Rohm BA30JC5 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8/13
BAxxJC5 Series(Fixed)
BA00JC5WT(Variable)
Datasheet
TSZ02201-0R6R0A600140-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
www.rohm.com
14.Feb.2012 Rev.001
●I/O equivalence circuit
●Power Dissipation
• TO220FP-3/TO220FP-5
The characteristics of the IC are greatly influenced by the operating temperature. If the temperature exceeds the maximum
junction temperature Tjmax, deterioration or damage may occur. Implement proper thermal designs to ensure that power
dissipation is within the permissible range in order to prevent instantaneous damage resulting from heat and maintain the
reliability of the IC for long-term operation.
The following method is used to calculate the power consumption Pc (W):
Pc = (Vcc – Vo)
× Io + Vcc × Icca
Power dissipation Pd
≥ Pc
The load current Io is calculated:
Calculation Example:
Vcc = 6.0V and Vo = 5.0V at Ta = 85℃
31k
Ω
2k
Ω
27k
Ω
CTL
Vcc
R2
R1
Vcc
OUT
* For the BA00JC5WT, connect R1 and R2
externally between the ADJ and GND pins
and between the OUT and ADJ pins.
Equation: VO = Vc × (R1 + R2) / R1
(Vc = 1.25V (Typ.))
The recommended R1 value is approximately
30 k
Ω to 150 kΩ.
Fig.15
Fig.16
θja = 62.5°C/W → −16.0mW/°C
25°C = 2000mW
→ 85°C = 1040mW
Vcc : Input voltage
Vo
: Output current
IO
: Load current
Icca : Circuit current
Io
≤ 860mA (Icca
≈ 30mA)
Fig.17
0
15
25
20
10
5
25
50
75
125
150
100
0
AMBIENT TEMPERATURE:Ta [°C]
(1)20.0
(2)2.0
(2) During IC without heat sink operation.
θj-a = 62.5 (°C/W)
(1) When using an infinite heat sink.
θj-c = 6.25 (°C/W)
Io
≤
Pd
− Vcc
× Icca
Vcc
− Vo
1.040
− 6.0
× Icca
6.0
− 5.0
Io
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com