Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1263CS8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1263CS8
Description  12V, 60mA Flash Memory Programming Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1263CS8 Datasheet(HTML) 2 Page - Linear Technology

  LTC1263CS8 Datasheet HTML 1Page - Linear Technology LTC1263CS8 Datasheet HTML 2Page - Linear Technology LTC1263CS8 Datasheet HTML 3Page - Linear Technology LTC1263CS8 Datasheet HTML 4Page - Linear Technology LTC1263CS8 Datasheet HTML 5Page - Linear Technology LTC1263CS8 Datasheet HTML 6Page - Linear Technology LTC1263CS8 Datasheet HTML 7Page - Linear Technology LTC1263CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
LTC1263
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
Consult factory for Industrial and Military grade parts and TSSOP package
option.
4.75V
≤ VCC ≤ 5.5V, TA = 0°C to 70°C (Notes 2, 3).
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage
0mA
≤ IOUT ≤ 60mA, VSHDN = 0V
q
11.4
12.6
V
ICC
Supply Current
No Load, VSHDN = 0V
q
0.32
1.0
mA
ISHDN
Shutdown Supply Current
No Load, VSHDN = VCC
q
0.5
10
µA
fOSC
Oscillator Frequency
VCC = 5V, IOUT = 60mA
300
kHz
Power Efficiency
VCC = 5V, IOUT = 60mA
76
%
RSW
VCC to VOUT Switch Impedance
VCC = VSHDN = 5V, IOUT = 0mA
q
0.3
1
k
Ω
VIH
SHDN Input High Voltage
q
2.4
V
VIL
SHDN Input Low Voltage
q
0.8
V
SHDN Input Current
VCC = 5V, VSHDN = 0V
q
–40
– 20
– 5
µA
VCC = 5V, VSHDN = 5V
q
–10
0
10
µA
tON
Turn-On Time
C1 = C2 = 0.47
µF, C3 = C4 = 10µF (Note 4) (Figures 1, 2)
600
µs
tOFF
Turn-Off Time
C1 = C2 = 0.47
µF, C3 = C4 = 10µF (Figures 1, 2)
10
ms
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
Note 3: All typicals are given at VCC = 5V, TA = 25°C.
Note 4: A higher value output capacitor can be used but the “turn-on” and
“turn-off” time will increase proportionally.
(Note 1)
Supply Voltage (VDD) ................................................. 6V
Input Voltage (SHDN) ..................... – 0.3V to VCC + 0.3V
IOUT Continuous.................................................... 90mA
Operating Temperature Range ..................... 0
°C to 70°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TJMAX = 125°C, θJA = 150°C/ W
1
2
3
4
8
7
6
5
TOP VIEW
SHDN
GND
VOUT
VCC
C1–
C1+
C2–
C2+
S8 PACKAGE
8-LEAD PLASTIC SO
LTC1263CS8
ORDER PART
NUMBER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com