Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1871IMSPBF Datasheet(PDF) 21 Page - Linear Technology

Part # LTC1871IMSPBF
Description  Current Mode Boost Flyback and SEPIC Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871IMSPBF Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC1871IMSPBF Datasheet HTML 17Page - Linear Technology LTC1871IMSPBF Datasheet HTML 18Page - Linear Technology LTC1871IMSPBF Datasheet HTML 19Page - Linear Technology LTC1871IMSPBF Datasheet HTML 20Page - Linear Technology LTC1871IMSPBF Datasheet HTML 21Page - Linear Technology LTC1871IMSPBF Datasheet HTML 22Page - Linear Technology LTC1871IMSPBF Datasheet HTML 23Page - Linear Technology LTC1871IMSPBF Datasheet HTML 24Page - Linear Technology LTC1871IMSPBF Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LTC1871
21
1871fe
APPLICATIONS INFORMATION
A second, more severe transient can occur when con-
necting loads with large (> 1μF) supply bypass capacitors.
The discharged bypass capacitors are effectively put in
parallel with CO, causing a nearly instantaneous drop in
VO. No regulator can deliver enough current to prevent
this problem if the load switch resistance is low and it is
driven quickly. The only solution is to limit the rise time
of the switch drive in order to limit the inrush current
di/dt to the load.
Boost Converter Design Example
The design example given here will be for the circuit shown
in Figure 1. The input voltage is 3.3V, and the output is 5V
at a maximum load current of 7A (10A peak).
1. The duty cycle is:
D
=
VO + VD –VIN
VO + VD
=
5
+ 0.4 – 3.3
5
+ 0.4
= 38.9%
2. Pulse-skip operation is chosen so the MODE/SYNC pin
is shorted to INTVCC.
3. The operating frequency is chosen to be 300kHz to
reduce the size of the inductor. From Figure 5, the
resistor from the FREQ pin to ground is 80k.
4. An inductor ripple current of 40% of the maximum load
current is chosen, so the peak input current (which is
also the minimum saturation current) is:
IIN(PEAK) = 1+
2
•
IO(MAX)
1– DMAX
= 1.2 •
7
1– 0.39
= 13.8A
The inductor ripple current is:
IL = •
IO(MAX)
1– DMAX
= 0.4 •
7
1– 0.39
= 4.6A
And so the inductor value is:
L
=
VIN(MIN)
IL • f
•DMAX =
3.3V
4.6A • 300kHz
• 0.39
= 0.93μH
The component chosen is a 1μH inductor made by
Sumida (part number CEP125-H 1ROMH) which has
a saturation current of greater than 20A.
5. With the input voltage to the IC bootstrapped to the
output of the power supply (5V), a logic-level MOSFET
can be used. Because the duty cycle is 39%, the maxi-
mum SENSE pin threshold voltage is reduced from its
low duty cycle typical value of 150mV to approximately
140mV. Assuming a MOSFET junction temperature of
125°C, the room temperature MOSFET RDS(ON) should
be less than:
RDS(ON) VSENSE(MAX) •
1– DMAX
1
+
2
•IO(MAX) • T
= 0.140V •
1– 0.39
1
+
0.4
2
•7A • 1.5
= 6.8m
The MOSFET used was the Fairchild FDS7760A, which
has a maximum RDS(ON) of 8mΩ at 4.5V VGS, a BVDSS
of greater than 30V, and a gate charge of 37nC at 5V
VGS.
6. The diode for this design must handle a maximum
DC output current of 10A and be rated for a minimum
reverse voltage of VOUT, or 5V. A 25A, 15V diode from
On Semiconductor (MBRB2515L) was chosen for its
high power dissipation capability.
7. The output capacitor usually consists of a high valued
bulk C connected in parallel with a lower valued, low
ESR ceramic. Based on a maximum output ripple voltage
of 1%, or 50mV, the bulk C needs to be greater than:
COUT
IOUT(MAX)
0.01• VOUT • f
=
7A
0.01• 5V • 300kHz
= 466μF
The RMS ripple current rating for this capacitor needs
to exceed:
IRMS(COUT) IO(MAX) •
VO –VIN(MIN)
VIN(MIN)
=
7A •
5V – 3.3V
3.3V
= 5A
To satisfy this high RMS current demand, four
150μF Panasonic capacitors (EEFUEOJ151R) are
required. In parallel with these bulk capacitors, two
22μF, low ESR (X5R) Taiyo Yuden ceramic capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com