Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1326CS8-2.5 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1326CS8-2.5
Description  Micropower Precision Triple Supply Monitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1326CS8-2.5 Datasheet(HTML) 5 Page - Linear Technology

  LTC1326CS8-2.5 Datasheet HTML 1Page - Linear Technology LTC1326CS8-2.5 Datasheet HTML 2Page - Linear Technology LTC1326CS8-2.5 Datasheet HTML 3Page - Linear Technology LTC1326CS8-2.5 Datasheet HTML 4Page - Linear Technology LTC1326CS8-2.5 Datasheet HTML 5Page - Linear Technology LTC1326CS8-2.5 Datasheet HTML 6Page - Linear Technology LTC1326CS8-2.5 Datasheet HTML 7Page - Linear Technology LTC1326CS8-2.5 Datasheet HTML 8Page - Linear Technology LTC1326CS8-2.5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1326/LTC1326-2.5
132625fc
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–60
2.375
2.370
2.365
2.360
2.355
2.350
–20
20
40
1326
/2.5 G10
–40
0
60
80
100
VCC25 Threshold Voltage
vs Temperature (LTC1326-2.5)
TEMPERATURE (
°C)
–60
1.005
1.004
1.003
1.002
1.001
1.000
0.999
0.998
0.997
0.996
0.995
–20
20
40
1326
/2.5 G12
–40
0
60
80
100
VCCA Threshold Voltage
vs Temperature
VCC3 Threshold Voltage
vs Temperature
TEMPERATURE (
°C)
–60
60
1326
/2.5 G11
–20
20
–40
80
0
40
100
3.135
3.130
3.125
3.120
3.115
3.110
3.105
3.100
VCCA Transient Immunity
VCCA RESET COMPARATOR OVERDRIVE (V)
0.001
20
30
40
0.01
0.1
1
1326/2.5 G07
10
0
25
35
15
5
RESET OCCURS
ABOVE CURVE
TA = 25°C
VCC3 RESET COMPARATOR OVERDRIVE (V)
0.001
20
30
40
0.01
0.1
1
1326/2.5 G08
10
0
25
35
15
5
RESET OCCURS
ABOVE CURVE
TA = 25°C
VCC3 Transient Immunity
TEMPERATURE (
°C)
–60
4.750
4.745
4.740
4.735
4.730
4.725
4.720
4.715
4.710
4.705
4.700
–20
20
40
1326
/2.5 G09
–40
0
60
80
100
VCC5 Threshold Voltage
vs Temperature (LTC1326)
VCC5 Transient Immunity
(LTC1326)
VCC5 RESET COMPARATOR OVERDRIVE (V)
0.001
20
25
30
35
40
0.01
0.1
1
1326/2.5 G05
15
10
5
0
45
50
RESET OCCURS
ABOVE CURVE
TA = 25°C
VCCA Input Current vs Input Voltage
INPUT VOLTAGE (V)
0.8
–3
–2
–1
0
1
0.9
1.0
1.1
1.2
1326
/2.5 G04
2
3
0.85
0.95
1.05
1.15
TA = 25°C
VCC25 Transient Immunity
(LTC1326-2.5)
VCC25 RESET COMPARATOR OVERDRIVE (V)
0.001
0.01
0.1
1
1326/2.5 G06
45
40
35
30
25
20
15
10
5
0
RESET OCCURS
ABOVE CURVE
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com