Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC1290CCSW Datasheet(PDF) 25 Page - Linear Technology

Part # LTC1290CCSW
Description  Single Chip 12-Bit Data Acquisition System
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1290CCSW Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC1290CCSW Datasheet HTML 21Page - Linear Technology LTC1290CCSW Datasheet HTML 22Page - Linear Technology LTC1290CCSW Datasheet HTML 23Page - Linear Technology LTC1290CCSW Datasheet HTML 24Page - Linear Technology LTC1290CCSW Datasheet HTML 25Page - Linear Technology LTC1290CCSW Datasheet HTML 26Page - Linear Technology LTC1290CCSW Datasheet HTML 27Page - Linear Technology LTC1290CCSW Datasheet HTML 28Page - Linear Technology LTC1290CCSW Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
25
LTC1290
1290fe
S
APPLICATI
I FOR ATIO
How the various power supplies to the LTC1290 are
applied can also lead to overvoltage conditions. For single
supply operation (i.e., unipolar mode), if VCC and REF+ are
not tied together, then VCC should be turned on first, then
REF+. If this sequence cannot be met, connecting a diode
from REF+ to VCC is recommended (see Figure 21).
For dual supplies (bipolar mode) placing two Schottky
diodes from VCC and V– to ground (Figure 23) will prevent
power supply reversal from occurring when an input
source is applied to the analog MUX before power is
applied to the device. Power supply reversal occurs, for
example, if the input is pulled below V– then VCC will pull
a diode drop below ground which could cause the device
not to power up properly. Likewise, if the input is pulled
above VCC then V– will be pulled a diode drop above
ground. If no inputs are present on the MUX, the Schottky
diodes are not required if V– is applied first, then VCC.
Because a unique input protection structure is used on the
digital input pins, the signal levels on these pins can
exceed the device VCC without damaging the device.
5V
1290 F21
REF+
VCC
LTC1290
22
µF
1N4148
VREF
14
20
5V
1290 F22
DGND
V –
AGND
VCC
LTC1290
–5V
0.1
µF
22
µF
1N5817
1N5817
Figure 21
Figure 22. Power Supply Reversal
Figure 20. Overvoltage Protection for MUX
5V
1290 F20
DGND
V–
AGND
VCC
1k
LTC1290
CH0
VIN
–5V
0.1
µF
22
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com