Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RS7215 Datasheet(PDF) 6 Page - Orister Corporation

Part # RS7215
Description  1A Adjustable & Fixed Voltage LDO Linear Regulator with Enable Function & Fast Discharge
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

RS7215 Datasheet(HTML) 6 Page - Orister Corporation

Back Button RS7215 Datasheet HTML 2Page - Orister Corporation RS7215 Datasheet HTML 3Page - Orister Corporation RS7215 Datasheet HTML 4Page - Orister Corporation RS7215 Datasheet HTML 5Page - Orister Corporation RS7215 Datasheet HTML 6Page - Orister Corporation RS7215 Datasheet HTML 7Page - Orister Corporation RS7215 Datasheet HTML 8Page - Orister Corporation RS7215 Datasheet HTML 9Page - Orister Corporation RS7215 Datasheet HTML 10Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Page No. : 6/10
DS‐RS7215‐02    September, 2009 
www.Orister.com
Operating Region and Power Dissipation 
Maximum power dissipation of the RS7215 depends on the thermal resistance of the case and circuit board, the temperature 
difference between the die junction and ambient air, and the rate of airflow. The power dissipation across the devices is P = 
IOUT x (VIN‐VOUT). The resulting maximum power dissipation is: 
 
JA
A
J
CA
JC
A
J
MAX
T
T
T
T
P
θ
θ
θ
)
(
)
(
=
+
=
 
 
Where  (TJ‐TA)  is  the  temperature  difference  between  the  RS7215  die  junction  and  the  surrounding  air, θJC  is  the  thermal 
resistance  of  the  package  chosen,  and θCA  is  the  thermal  resistance  through  the  printed  circuit  board,  copper  traces  and 
other materials to the surrounding air. For better heat‐sinking, the copper area should be equally shared between the VIN
VOUT, and GND pins. 
 
Dropout Voltage 
A regulator’s minimum input‐output voltage differential, or dropout voltage, determines the lowest usable supply voltage. In 
battery‐powered  systems,  this  will  determine  the  useful  end‐of‐life  battery  voltage.  The  RS7215  use  a  P‐channel  MOSFET 
pass transistor, its dropout voltage is a function of drain‐to‐source on‐resistance RDS(ON) multiplied by the load current. 
 
OUT
ON
DS
OUT
IN
DROPOUT
I
R
V
V
V
×
=
=
)
(
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com