Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECWF4243ML Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ECWF4243ML
Description  Metallized polyoropylene Film Capacitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF4243ML Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ECWF4243ML Datasheet HTML 2Page - Panasonic Semiconductor ECWF4243ML Datasheet HTML 3Page - Panasonic Semiconductor ECWF4243ML Datasheet HTML 4Page - Panasonic Semiconductor ECWF4243ML Datasheet HTML 5Page - Panasonic Semiconductor ECWF4243ML Datasheet HTML 6Page - Panasonic Semiconductor ECWF4243ML Datasheet HTML 7Page - Panasonic Semiconductor ECWF4243ML Datasheet HTML 8Page - Panasonic Semiconductor ECWF4243ML Datasheet HTML 9Page - Panasonic Semiconductor ECWF4243ML Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
(Metallized Polypropylene Film)
-10
-5
0
5
10
-60 -40 -20 0
20 40 60 80 100 120 140
0.0
0.1
0.2
0.3
0.4
0.5
-60 -40 -20 0
20 40 60 80 100 120 140
Temperature Characteristics
Frequency Characteristics
Electrical Characteristics <Typical Data >
1.E+08
1.E+09
1.E+10
1.E+11
1.E+12
1.E+13
-60 -40 -20 0
20 40 60 80 100 120 140
-10
-5
0
5
10
1
10
100
1000
10000
0
1
2
3
4
5
1
10
100
1000
10000
0.001
0.01
0.1
1
10
100
1
10
100
1000
10000
at 1kHz
at 1kHz
at 500VDC
Frequency(kHz)
Temperature(°C)
Frequency(kHz)
Temperature(°C)
ECWF(L) Type 630VDC series
Frequency(kHz)
Temperature(°C)
0.01µF
0.33µF
1.3µF
0.01µF
0.33µF
1.3µF
0.01µF
0.33µF
1.3µF
1.3µF
0.33µF
0.01µF
1.3µF
0.33µF
0.01µF
1.3µF
0.33µF
0.01µF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com