Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFS600-FGG484PP Datasheet(PDF) 21 Page - Microsemi Corporation

Part # AFS600-FGG484PP
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS600-FGG484PP Datasheet(HTML) 21 Page - Microsemi Corporation

Back Button AFS600-FGG484PP Datasheet HTML 17Page - Microsemi Corporation AFS600-FGG484PP Datasheet HTML 18Page - Microsemi Corporation AFS600-FGG484PP Datasheet HTML 19Page - Microsemi Corporation AFS600-FGG484PP Datasheet HTML 20Page - Microsemi Corporation AFS600-FGG484PP Datasheet HTML 21Page - Microsemi Corporation AFS600-FGG484PP Datasheet HTML 22Page - Microsemi Corporation AFS600-FGG484PP Datasheet HTML 23Page - Microsemi Corporation AFS600-FGG484PP Datasheet HTML 24Page - Microsemi Corporation AFS600-FGG484PP Datasheet HTML 25Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
Revision 4
2-5
Timing Characteristics
Sample VersaTile Specifications—Sequential Module
The Fusion library offers a wide variety of sequential cells, including flip-flops and latches. Each has a
data input and optional enable, clear, or preset. In this section, timing characteristics are presented for a
representative sample from the library (Figure 2-5). For more details, refer to the IGLOO, ProASIC3,
SmartFusion and Fusion Macro Library Guide.
Table 2-1 • Combinatorial Cell Propagation Delays
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Combinatorial Cell
Equation
Parameter
–2
–1
Std.
Units
INV
Y = !A
tPD
0.40
0.46
0.54
ns
AND2
Y = A · B
tPD
0.47
0.54
0.63
ns
NAND2
Y = !(A · B)
tPD
0.47
0.54
0.63
ns
OR2
Y = A + B
tPD
0.49
0.55
0.65
ns
NOR2
Y = !(A + B)
tPD
0.49
0.55
0.65
ns
XOR2
Y = A
Bt
PD
0.74
0.84
0.99
ns
MAJ3
Y = MAJ(A, B, C)
tPD
0.70
0.79
0.93
ns
XOR3
Y = A
B Ct
PD
0.87
1.00
1.17
ns
MUX2
Y = A !S + B S
tPD
0.51
0.58
0.68
ns
AND3
Y = A · B · C
tPD
0.56
0.64
0.75
ns
Note: For the derating values at specific junction temperature and voltage supply levels, refer to Table 3-7 on
page 3-9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com