Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9779A-EBZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD9779A-EBZ
Description  Dual, 12-/14-/16-Bit,1 GSPS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9779A-EBZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9779A-EBZ Datasheet HTML 8Page - Analog Devices AD9779A-EBZ Datasheet HTML 9Page - Analog Devices AD9779A-EBZ Datasheet HTML 10Page - Analog Devices AD9779A-EBZ Datasheet HTML 11Page - Analog Devices AD9779A-EBZ Datasheet HTML 12Page - Analog Devices AD9779A-EBZ Datasheet HTML 13Page - Analog Devices AD9779A-EBZ Datasheet HTML 14Page - Analog Devices AD9779A-EBZ Datasheet HTML 15Page - Analog Devices AD9779A-EBZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
AD9776A/AD9778A/AD9779A
Rev. B | Page 12 of 56
74
VREF
73
IPTAT
72
AGND
69
CSB
70
RESET
71
IRQ
75
I120
68
SCLK
67
SDIO
66
SDO
64
DGND
63
SYNC_O+
62
SYNC_O–
61
DVDD33
60
DVDD18
59
NC
58
NC
57
P2D0
56
P2D1
55
P2D2
54
DGND
53
DVDD18
52
P2D3
51
P2D4
65
PLL_LOCK
PIN 1
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
2
CVDD18
3
CGND
4
CGND
7
CGND
6
REFCLK–
5
REFCLK+
1
CVDD18
8
CGND
9
CVDD18
10
CVDD18
12
AGND
13
SYNC_I+
14
SYNC_I–
15
DGND
16
DVDD18
17
P1D13
18
P1D12
19
P1D11
20
P1D10
21
P1D9
22
DGND
23
DVDD18
24
P1D8
25
P1D7
11
CGND
AD9778A
TOP VIEW
(Not to Scale)
ANALOG DOMAIN
DIGITAL DOMAIN
NC = NO CONNECT
NOTES
1. FOR OPTIMAL THERMAL PERFORMANCE, THE EXPOSED
PAD SHOULD BE SOLDERED TO THE GROUND PLANE FOR
THE 100-LEAD, THERMALLY ENHANCED TQFP PACKAGE.
Figure 4. AD9778A Pin Configuration
Table 8. AD9778A Pin Function Descriptions
Pin
No.
Mnemonic
Description
1
CVDD18
1.8 V Clock Supply.
2
CVDD18
1.8 V Clock Supply.
3
CGND
Clock Ground.
4
CGND
Clock Common.
5
REFCLK+
Differential Clock Input.
6
REFCLK−
Differential Clock Input.
7
CGND
Clock Ground.
8
CGND
Clock Ground.
9
CVDD18
1.8 V Clock Supply.
10
CVDD18
1.8 V Clock Supply.
11
CGND
Clock Ground.
12
AGND
Analog Ground.
13
SYNC_I+
Differential Synchronization Input.
14
SYNC_I−
Differential Synchronization Input.
15
DGND
Digital Ground.
16
DVDD18
1.8 V Digital Supply.
17
P1D13
Port 1, Data Input D13 (MSB).
18
P1D12
Port 1, Data Input D12.
Pin
No.
Mnemonic
Description
19
P1D11
Port 1, Data Input D11.
20
P1D10
Port 1, Data Input D10.
21
P1D9
Port 1, Data Input D9.
22
DGND
Digital Ground.
23
DVDD18
1.8 V Digital Supply.
24
P1D8
Port 1, Data Input D8.
25
P1D7
Port 1, Data Input D7.
26
P1D6
Port 1, Data Input D6.
27
P1D5
Port 1, Data Input D5.
28
P1D4
Port 1, Data Input D4.
29
P1D3
Port 1, Data Input D3.
30
P1D2
Port 1, Data Input D2.
31
P1D1
Port 1, Data Input D1.
32
DGND
Digital Ground.
33
DVDD18
1.8 V Digital Supply.
34
P1D0
Port 1, Data Input D0 (LSB).
35
NC
No Connect.
36
NC
No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com