Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADIS16266PCBZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADIS16266PCBZ
Description  Evaluation Board User Guide
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16266PCBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADIS16266PCBZ Datasheet HTML 2Page - Analog Devices ADIS16266PCBZ Datasheet HTML 3Page - Analog Devices ADIS16266PCBZ Datasheet HTML 4Page - Analog Devices ADIS16266PCBZ Datasheet HTML 5Page - Analog Devices ADIS16266PCBZ Datasheet HTML 6Page - Analog Devices ADIS16266PCBZ Datasheet HTML 7Page - Analog Devices ADIS16266PCBZ Datasheet HTML 8Page - Analog Devices ADIS16266PCBZ Datasheet HTML 9Page - Analog Devices ADIS16266PCBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
UG-287
Evaluation Board User Guide
Rev. B | Page 6 of 12
MAIN WINDOW
After the software completes the initialization process, the main
window (see Figure 10) appears. The main window (see Figure 10)
provides waveform recorders for basic demonstration, along with
the following menu bar options: Devices (device selection),
Register Access, Data Capture, USB Tools, and About (basic
information).
Waveform Recorder
After selecting the device for evaluation (see the Devices section),
click Read to start the waveform recorder function, and then move
the IMU to observe the signal response within the waveform
output boxes (see Figure 11 for an example). The Read button
changes to a Stop button when the waveform recorder is in
operation. Click Stop to turn the waveform recording off.
Right-click on one of the waveform output boxes to access a
pop-up control box, which provides options to add cursor
tracking, statistics, and scale and waveform division controls
(see Figure 12 for an example). The color coding corresponding
with the register names matches the color of each signal in the
waveform output.
MAIN WINDOW MENU BAR OPTIONS
Devices
Click Devices in the menu bar of the main window to select the
appropriate product for evaluation. Use the following steps to
change a unit while continuing to run the IMU evaluation
software:
1. Unplug the EVAL-ADIS from the PC USB and any other
power source.
2. Remove the existing DUT from the EVAL-ADIS.
3. Install the new DUT onto the EVAL-ADIS (see the IMU
Installation section).
4. Plug the EVAL-ADIS back into the PC USB.
5. Wait for LED1 to illuminate, indicating that the EVAL-ADIS
is ready for communication with the PC.
6. If the software does not recognize the EVAL-ADIS
automatically, click USB Tools and then click Connect to
establish communication (see Figure 15).
7. Select Devices and then the part number for the new DUT.
Figure 10. IMU Evaluation Software Main Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com