Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9268 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9268
Description  Low Noise, Low Distortion Single-Ended Input Drive Circuit for Differential Input IF Sampling ADCs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9268 Datasheet(HTML) 1 Page - Analog Devices

  AD9268 Datasheet HTML 1Page - Analog Devices AD9268 Datasheet HTML 2Page - Analog Devices AD9268 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Circuit Note
CN-0171
Circuit Designs Using Analog Devices Products
Apply these product pairings quickly and with confidence.
For more information and/or support call 1-800-AnalogD
(1-800-262-5643) or visit www.analog.com/circuits.
Devices Connected/Referenced in this Circuit Note
ADL5535/
ADL5536
20 MHz to 1.0 GHz 16 dB/20 dB IF Gain
Block
AD9268
16-Bit, 80 MSPS/105 MSPS/125 MSPS,
1.8 V Dual Analog-to-Digital Converter
Low Noise, Low Distortion Single-Ended Input Drive Circuit for Differential Input IF
Sampling ADCs
Rev. 0
“Circuits from the Lab” from Analog Devices have been designed and built by Analog Devices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformance havebeentestedandverifiedinalabenvironment
atroomtemperature.However,youaresolelyresponsible fortestingthe circuit anddetermining its
suitability and applicability for your use and application. Accordingly, in no event shall Analog
Devices be liable for direct, indirect, special, incidental, consequential or punitive damages due to
anycausewhatsoeverconnectedtotheuseofany“CircuitfromtheLab”. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
CIRCUIT FUNCTION AND BENEFITS
The circuit shown in Figure 1 uses the ADL5535/ADL5536
single-ended IF low noise 50 Ω gain block to drive the AD9268
16-bit differential input analog-to-digital converter (ADC).
The circuit includes an interstage bandpass filter for noise
reduction and anti-aliasing. The use of a single-ended IF gain
stage followed by a transformer to perform the single-ended-
to-differential conversion is an optimum solution for this
application where both low noise and low distortion are required.
The ADL5535/ADL5536 is a high linearity (third order output
intercept, OIP3 = +45 dBm at 190 MHz), single-ended, fixed gain
amplifier that can be used as a driver for high performance IF
sampling of analog-to-digital converters. The ADL5535 has a gain
of 16 dB and provides a simple approach to raise the signal from
approximately 400 mV p-p to the 2 V p-p full-scale level required
by the ADC. The ADL5535 low noise figure (3.2 dB at 190 MHz)
and low distortion ensure that the ADC performance is not
compromised. The ADL5536 can be used where a gain of 20 dB is
required.
CIRCUIT DESCRIPTION
Figure 1 shows the schematic of the ADL5535/ADL5536
driving the AD9268 16-bit ADC clocked at a sample rate of
122.88 MSPS. The ADL5535 has a single-ended input and
output impedance of 50 Ω. A 1:1 impedance transformer
(M/A-COM BA-007159-000000, 4.5 MHz to 3000 MHz), along
with termination resistors and series ferrite beads, is used to
present a 50 Ω load for the anti-aliasing filter interface. The
filter interface between the ADL5535 and the AD9268 is a
sixth-order Butterworth low-pass filter designed using a
standard filter program. The interface provides a 50 MHz, 1 dB
bandwidth centered around 175 MHz. Following the sixth-
order filter, a shunt LC tank circuit (72 nH, 8.2 pF) was inserted
to further reduce the low frequency response of the filter, giving
more of a band-pass response to the filter. The normalized
wideband response is shown in Figure 2.
AD9268
ADL5535/
ADL5536
50
Ω
470nH
22pF
22nH
56nH
8pF
27pF
100pF
5V
68nH
8.2pF
72nH
0.1µF
0.1µF
0.1µF
33
Ω
33
Ω
M/A-COM
BA-007159-000000
1
FERRITE BEAD
10
Ω AT 100MHz*
FERRITE BEAD
10
Ω AT 100MHz*
1.8V
1.8V
66
Ω
66
Ω
*MURATA BLM18BA100SN1
AVDD
AGND
VCM
DRVDD
VIN – A
VIN + A
Figure 1. Schematic of the ADL5535 Driving the AD9268 16-Bit ADC, (Simplified Schematic: All Connections and Decoupling Not Shown)


Similar Part No. - AD9268

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9268 AD-AD9268 Datasheet
2Mb / 44P
16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 45P
1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
AD9268-105EBZ AD-AD9268-105EBZ Datasheet
2Mb / 45P
1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
AD9268-105EBZ1 AD-AD9268-105EBZ1 Datasheet
2Mb / 44P
16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9268-125EBZ AD-AD9268-125EBZ Datasheet
2Mb / 45P
1.8 V Dual Analog-to-Digital Converter (ADC)
Rev. A
More results

Similar Description - AD9268

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6401-20 LINER-LTC6401-20 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6400-14 LINER-LTC6400-14 Datasheet
224Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-20 LINER-LTC6400-20 Datasheet
229Kb / 16P
1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6410-6 LINER-LTC6410-6 Datasheet
345Kb / 16P
Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
LTC6400CUD-14 LINER-LTC6400CUD-14 Datasheet
213Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400IUD-8 LINER-LTC6400IUD-8 Datasheet
213Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-14 LINER-LTC6400-14_15 Datasheet
236Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-20 LINER-LTC6400-20_15 Datasheet
231Kb / 16P
1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6401-20 LINER-LTC6401-20_15 Datasheet
229Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LTC6410-6 LINER-LTC6410-6_15 Datasheet
356Kb / 16P
Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com