Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE44713 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44713
Description  TNC Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44713 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44713 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44713 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
TNC Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ,
RG402
Configuration
Connector
TNC Female
Connector Interface Type
PE-SR402AL,PE-SR402FL,PE-SR402FLJ,RG402
Cable Attachment Method (Shield/Contact)
Solder/Solder
Connector Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.831 [21.11]
Width/Dia., in [mm]
0.472 [11.99]
.
Connector
Type
TNC Female
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
TNC Female Precision Connector SolderAttachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402 from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-
SR402FLJ, RG402 PE44713
URL: http://www.pasternack.com/tnc-female-standard-pe-sr402al-pe-sr402fl-pe-sr402flj-connector-pe44713-p.aspx
PE44713
PE44713 REV
TNC Female Precision Connector Solder Attachment For
PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402


Similar Part No. - PE44713

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4471 PASTERNACK-PE4471 Datasheet
296Kb / 3P
TNC Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .361 inch D Hole
PE4471 PASTERNACK-PE4471 Datasheet
345Kb / 3P
TNC Female Right Angle Bulkhead Mount Connector Solder Attachment
PE44710 PASTERNACK-PE44710 Datasheet
843Kb / 3P
TNC Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44711 PASTERNACK-PE44711 Datasheet
852Kb / 3P
TNC Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44712 PASTERNACK-PE44712 Datasheet
875Kb / 2P
TNC Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
More results

Similar Description - PE44713

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4145 PASTERNACK-PE4145 Datasheet
105Kb / 1P
TNC FEMALE SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL PE-SR402FL
PE44695 PASTERNACK-PE44695 Datasheet
895Kb / 2P
SMA Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44715 PASTERNACK-PE44715 Datasheet
855Kb / 3P
TNC Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44691 PASTERNACK-PE44691 Datasheet
267Kb / 2P
SMA Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44697 PASTERNACK-PE44697 Datasheet
913Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44701 PASTERNACK-PE44701 Datasheet
858Kb / 2P
N Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44705 PASTERNACK-PE44705 Datasheet
864Kb / 2P
N Female Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44707 PASTERNACK-PE44707 Datasheet
879Kb / 3P
N Female Bulkhead Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44709 PASTERNACK-PE44709 Datasheet
875Kb / 2P
TNC Male Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44711 PASTERNACK-PE44711 Datasheet
852Kb / 3P
TNC Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com