Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

59239 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 59239
Description  Premium CERTI-CRIMP II Hand Tools
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

59239 Datasheet(HTML) 3 Page - Tyco Electronics

  59239 Datasheet HTML 1Page - Tyco Electronics 59239 Datasheet HTML 2Page - Tyco Electronics 59239 Datasheet HTML 3Page - Tyco Electronics 59239 Datasheet HTML 4Page - Tyco Electronics 59239 Datasheet HTML 5Page - Tyco Electronics 59239 Datasheet HTML 6Page - Tyco Electronics 59239 Datasheet HTML 7Page - Tyco Electronics 59239 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Connector/Terminal to Tool Reference
1
Use with “C” Head Straight Action Hand Tool, Part Number 69710-1.
Connector/
Max.
Hand Tool Part Numbers
Die Set for
Insertion/
Terminal
Style
Wire Range
Insul. Dia.
DAHT
SAHT
Tool
Extraction
AWG
mm2
in
mm
HHHT
Frame
Tool
AMPLIMITE
Size 20 DF Contacts
28-24
0.08-0.2
.040
1.02
——
91503-1
—
D-Sub. Connectors
24-20
0.2-0.5
.060
1.52
91285-1
Size 22 DF Contacts
28-22
0.08-0.3
.040
1.02
—
—
91520-1
—
Mod. IV Contacts
26-22
0.12-0.3
.061
1.55
—
—
91517-1
—
843996-3
24-20
0.2-0.5
.069
1.75
—
—
91516-1
—
(Ext./Reset)
AMPMODU
Locking Clip Contacts
26-22
0.12-0.3
.062
1.58
—
—
91533-1
—
91084-1
Connectors
MTE & Tandem Spring
32-28
0.03-0.08
.054
1.37
—
—
58342-2
—
—
Contacts
26-22
0.12-0.3
.065
1.65
—
—
91531-1
—
—
Short Point Contacts
32-22
0.03-0.3
.060
1.52
—
—
91518-1
—
843473-1
24-20
0.2-0.5
.060
1.52
—
—
91551-1
—
(Ext.)
28-24
0.08-0.2
.085
2.16
—
—
91539-1
90230-1
1
—
24-20
0.2-0.5
.060
1.52
Type II Contacts
18-14
0.8-2
—
—
—
—
91539-1
90231-21
—
26-24
0.12-0.2
.090
2.29
—
24-20
0.2-0.5
.120
3.05
—
91515-1
—
Type III+ Contacts
24-20
0.2-0.5
.100
2.54
—
—
91523-1
—
CPC Connectors,
18-16
0.8-1.25
.100
2.54
200893-2/
M Series Connectors
24-20
0.2-0.5
.070
1.78
—
305183
18-16
0.8-1.25
.100
2.54
—
91505-1
—
18-14
0.8-2
.100
2.54
—
—
91519-1
—
16
1.25
.160
4.06
90382-2
—
—
90145-21
—
Type XII Contacts
14-12
2-3
.160
4.06
90382-2
—
—
90145-11
—
10-8
5-7
.220
5.59
90384-1
—
—
90140-11
91019-3 (Ext.)
Subminiature
174 RG/U
—
—
—
—
—
696901
—
COAXICON Contacts
187 RG/U
—
—
—
—
—
69690-11
—
FASTON
22-18
0.3-0.8
.130
3.30
—
90166-1
—
—
465629- *
Straight Receptacles
250 Series
18-14
0.8-2
.170
4.32
—
90165-1
—
—
(Installation
(Premier Line Only)
14-10
2-5
.200
5.08
—
90120
—
—
Tip Required)
30-22
0.05-0.3
.075
1.91
—
—
91515-1
—
Commercial Contacts
24-18
0.2-0.8
.100
2.54
—
—
91512-1
—
455830-1/
20-14
0.5-2
.130
3.30
—
—
91504-1
—
465644-1
24-18
0.2-0.8
.100
2.54
—
—
91510-1
—
20-14
0.5-2
.130
3.30
—
—
91500-1
—
455830-1/
MATE-N-LOK
Universal &
20-18
0.5-0.8
.200
5.08
—
—
91508-1
—
318851-1
Connectors
Universal II Contacts
16-14
1.25-2
.200
5.08
—
—
91506-1
—
12
3
.200
5.08
—
—
—
58380-11
—
10
5
.200
5.08
—
—
—
58380-21
—
Mini-Universal
20-16
0.5-1.25
.126
3.20
—
—
91536-1
—
Mini-Universal II
26-22
0.12-0.3
.069
1.75
—
—
91529-1
—
455830-1/
Contacts
22-18
0.3-0.8
.094
2.39
—
—
91522-1
—
455822-2
20-16
0.5-1.25
.126
3.20
—
—
91594-1
—
MR Connectors
Contacts
26-18
0.12-0.8
.115
2.92
—
—
91526-1
—
D-3(L)
20-18
0.50-0.85
.110
2.80
—
—
91558-1
—
—
16
1.25
.110
2.80
D-3(M)
24
.20
.063
1.60
—
—
91559-1
—
—
Dynamic
22-20
.30-.50
.102
2.60
D-3(2L)
16
1.23-1.42
.110
2.80
—
—
91560-1
—
—
14
1.94-2.20
.110
2.80
D-2(S)
28-26
.09-.14
.051
1.30
—
—
91576-1
—
—
24
.22-.23
.056
1.43
EI
EI
30-28
.05-.08
.047
1.20
—
—
91562-1
—
—
26
.13
.055
1.4
.040
.040
22
.30
.071
1.80
—
—
91577-1
—
—
20
.50
.079
2.00
For drawings or technical data, contact your TE Connectivity sales engineer or call the Technical Support
Center: 1-800-522-6752. Dimensions are in millimeters unless specified otherwise. Values in brackets
are English equivalents unless specified otherwise. Specifications subject to change. Consult TE
Connectivity for latest specifications.
Need More Information?
For information about tooling, call 1-800-522-6752
or e-mail toolsales@te.com.
Premium CERTI-CRIMP II Hand Tools
Catalog 65780
Revised 04-2011



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com