Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

0603SFS050/24-2 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 0603SFS050/24-2
Description  Fast-Acting Chip Fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

0603SFS050/24-2 Datasheet(HTML) 2 Page - Tyco Electronics

  0603SFS050/24-2 Datasheet HTML 1Page - Tyco Electronics 0603SFS050/24-2 Datasheet HTML 2Page - Tyco Electronics 0603SFS050/24-2 Datasheet HTML 3Page - Tyco Electronics 0603SFS050/24-2 Datasheet HTML 4Page - Tyco Electronics 0603SFS050/24-2 Datasheet HTML 5Page - Tyco Electronics 0603SFS050/24-2 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
100
11
RoHS Compliant, ELV Compliant
HF Halogen Free
% of rated current
Clear time at 25°C
100%
4 hours min.
250%
5 seconds max.
400%
0.05 seconds max.
Clear Time Characteristics for Fast-Acting Chip Fuses
Table FF1
Typical Electrical Characteristics, Dimensions and Recommended Pad Layout for
Fast-Acting Chip Fuses
Table FF2
0402SFF050F/24
0.50
0.380
24
35
0402SFF075F/24
0.75
0.210
24
35
0402SFF100F/24
1.00
0.120
24
35
0402SFF150F/24
1.50
0.056
24
35
0402SFF200F/24
2.00
0.035
24
35
0402SFF300F/24
3.00
0.021
24
35
0402SFF400F/24
4.00
0.014
24
35
Part Number
Rated Current
(A)
Nominal Cold DCR*
(
Ω)
Voltage
(VDC)
Current
(A)
Typical Electrical
Characteristics
Max.
Interrupt Ratings
0603SFF050F/32
0.50
0.485
32
50
0603SFF075F/32
0.75
0.254
32
50
0603SFF100F/32
1.00
0.131
32
50
0603SFF150F/32
1.50
0.059
32
35
0603SFF200F/32
2.00
0.044
32
35
0603SFF250F/32
2.50
0.032
32
35
0603SFF300F/32
3.00
0.025
32
35
0603SFF350F/32
3.50
0.024
32
35
0603SFF400F/32
4.00
0.018
32
35
0603SFF500F/32
5.00
0.013
32
35
0603SFF600F/24
6.00
0.010
24
35
Part Number
Rated Current
(A)
Nominal Cold DCR*
(
Ω)
Voltage
(VDC)
Current
(A)
Typical Electrical
Characteristics
Max.
Interrupt Ratings
1206SFF050F/63
0.50
0.500
63
50
1206SFF075F/63
0.75
0.330
63
50
1206SFF100F/63
1.00
0.220
63
50
1206SFF150F/63
1.50
0.120
63
50
1206SFF175F/63
1.75
0.100
63
50
1206SFF200F/63
2.00
0.050
63
50
1206SFF250F/32
2.50
0.035
32
50
1206SFF300F/32
3.00
0.031
32
50
1206SFF400F/32
4.00
0.022
32
45
1206SFF500F/32
5.00
0.015
32
45
1206SFF600F/24
6.00
0.012
24
45
1206SFF700F/24
7.00
0.011
24
45
1206SFF800F/24
8.00
0.008
24
45
* Measured at
10% of rated current and 25°C ambient temperature.
Part Number
Rated Current
(A)
Nominal Cold DCR*
(
Ω)
Voltage
(VDC)
Current
(A)
Typical Electrical
Characteristics
Max.
Interrupt Ratings
0402 (1005mm) Fast-Acting Chip Fuses
0603 (1608mm) Fast-Acting Chip Fuses
1206 (3216mm) Fast-Acting Chip Fuses
0.063
(1.60)
0.039±0.004
(1.00±0.10)
0.020±0.004
(0.51±0.10)
0.010±0.004
(0.25±0.10)
0.020±0.004
(0.51±0.10)
S
Shape and
Dimensions
Inch (mm)
Recommended
Pad Layout
Inch (mm)
0.028
(0.70)
0.024
(0.60)
0.016
(0.40)
0
Shape and
Dimensions
Inch (mm)
Recommended
Pad Layout
Inch (mm)
0.031±0.006
(0.80±0.15)
0
0.031±0.006
(0.80±0.15)
0.014±0.006
(0.36±0.15)
0.063±0.006
(1.60±0.15)
0
0.110
(2.80)
0.039
(1.00)
0.043
(1.09)
0.024
(0.60)
0
Shape and
Dimensions
Inch (mm)
Recommended
Pad Layout
Inch (mm)
0.063±0.008
(1.60±0.20)
0.126±0.008
(3.20±0.20)
0.043±0.008
(1.10±0.20)
0.020±0.010
(0.51±0.25)
0.173
(4.40)
0.071
(1.80)
0.057
(1.45)
0.059
(1.50)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com