Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2083112-3 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2083112-3
Description  Latching USB Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2083112-3 Datasheet(HTML) 2 Page - Tyco Electronics

  2083112-3 Datasheet HTML 1Page - Tyco Electronics 2083112-3 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KEY FEATURES
•
IP67sealingperformance
•
1/4turnbayonetcouplingring
•
StandardAplugandstandardBplug
•
Through-panelmatingreceptacles
•
Pre-madestandardlengthcableassemblies
•
Availableinbothplasticandmetalshell
configurations
•
USB2.0compliant
APPLICATIONS
•
HumanMachineInterface(HMI)-Panels
•
MachineVision
•
Printers
•
BarcodeReaders
•
MassStorage
ELECTRICAL
•
VoltageRating—30VAC(rms)
•
DataRate–480Mbits/s
OPERATING EFFICIENCY
CircularsealedUSBconnectorsmakethepopularUSBinterfaceavailableforuse-
caseswithtoughenvironmentalrequirements.Thepanel-mountreceptacle,for
instance,offersafastruggedizedup-loadportthatavoidsdowntimeforopeninga
controlcabinet.
MECHANICAL
•
IP67protectionlevel
•
OperatingTemp.-40°Cto+85°C
STANDARDS AND SPECIFICATIONS
•
USB2.0compliant
•
Productspecifications108-2318
•
Applicationspecifications114-13211
MATERIALS
•
Housing(Plastic)–Hightemperaturethermoplastic,UL94V-0,black
•
Housing(Metal)–ChromePlatedZincDieCastGasket,UL94HB,
UVResistantGasketMaterial
•
Contact–Brass,goldplatedoncontactarea,nickelunderplated
•
Shield–Steel,nickelplated,copperunderplated
PRODUCT OFFERING
CircularSealedUSBConnector
Introducing
Tosupporttheincreasinglywide-spreaduseoftheUSBstandardindustrial
applications,TEConnectivityhasaddedindustrialruggedizedconnectorstoits
USBconnectorfamily.TheCircularSealedUSBconnectorprovidesthepopularHigh
SpeedUSBstandardforoutdoorfactory-floorandharshenvironmentapplications
whereregularUSBconnectorsdonotoffertherequiredlevelofruggedness.
Part Number
Description
1954637-1
PlugKit,USBSeriesA
1954640-1
PlugKit,USBSeriesB
1954643-1
RecptKit,SeriesAtoSeriesA
1903815-1
IndustrialUSBRecAssyR/A2Row
2058362-1
PlugKit,USBSeriesA,MetalShell
2058363-1
PlugKit,USBSeriesB,MetalShell
2058364-1
Recpt.Kit,SeriesAtoA
2058365-1
RecptKit,SeriesBtoA
1-1773463-4 CIS WR 11/2011
© 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company. All Rights Reserved.
TE Connectivity and the TE connectivity (logo) are trademarks. Other logos, product and/or
company names might be trademarks of their respective owners.
USA: 1-800-522-6752
Latin/S. America: +54 (0) 11-4733-2200
France: +33 (0) 1-3420-8686
Canada: +1-905-475-6222
Germany: +49 (0) 6251-133-1999
Netherlands: +31 (0) 73-6246-999
Mexico: +52 (0) 55-1106-0800
UK: +44 (0) 800-267666
China: +86 (0) 400-820-6015
While TE has made every reasonable effort to ensure the accuracy of the information in this brochure, TE does not guarantee that it is error-free, nor does TE make any other representation, warranty or
guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein at any time without notice. TE expressly disclaims
all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or fitness for a particular purpose. The dimensions in this catalog
are for reference purposes only and are subject to change without notice. Specifications are subject to change without notice. Consult TE for the latest dimensions and design specifications.
te.com/products/Industrial-USB-Connectors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com